Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 40 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 36Page - STMicroelectronics TDA7415CB Datasheet HTML 37Page - STMicroelectronics TDA7415CB Datasheet HTML 38Page - STMicroelectronics TDA7415CB Datasheet HTML 39Page - STMicroelectronics TDA7415CB Datasheet HTML 40Page - STMicroelectronics TDA7415CB Datasheet HTML 41Page - STMicroelectronics TDA7415CB Datasheet HTML 42Page - STMicroelectronics TDA7415CB Datasheet HTML 43Page - STMicroelectronics TDA7415CB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Programming
TDA7415CB
40/50
Table 22.
Output section, signal path 0 (addr. 10)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
Input select
Main signal path Output select
AC0in
AC3in
Main signal path PRE-Tone select
0
0
1
1
0
1
0
1
Interrupts select, right channel
Not allowed
Interrupt enable
Interrupt, 50% signal mix
Interrupt bypass, normal operation
0
0
1
1
0
1
0
1
Interrupts select, left channel
Not allowed
Interrupt enable
Interrupt, 50% signal mix
Interrupt bypass, normal operation
1
Unused, do not alter
0
1
Interrupt Pre-select (common for all paths)
Navigation
Phone
Table 23.
Output section, signal path 1 and 2 (addr. 11)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
Input select signal path1
Main signal path Output select
AC1in
AC3in
Main signal path PRE-Tone select
0
1
Interrupts select, right channel signal path 1
Interrupt enable
Interrupt bypass, normal operation
0
1
Interrupts select, left channel signal path 1
Interrupt enable
Interrupt bypass, normal operation
0
0
1
1
0
1
0
1
Input select signal path2
Main signal path Output select
AC2in
AC3in
Main signal path PRE-Tone select
0
1
Interrupts select, right channel signal path 2
Interrupt enable
Interrupt bypass, normal operation
0
1
Interrupts select, left channel signal path 2
Interrupt enable
Interrupt bypass, normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com