Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 27Page - STMicroelectronics TDA7415CB Datasheet HTML 28Page - STMicroelectronics TDA7415CB Datasheet HTML 29Page - STMicroelectronics TDA7415CB Datasheet HTML 30Page - STMicroelectronics TDA7415CB Datasheet HTML 31Page - STMicroelectronics TDA7415CB Datasheet HTML 32Page - STMicroelectronics TDA7415CB Datasheet HTML 33Page - STMicroelectronics TDA7415CB Datasheet HTML 34Page - STMicroelectronics TDA7415CB Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
TDA7415CB
Description of the audio processor
31/50
5.5
DC offset detector
Using the DC offset detection circuit (figure 22) an offset voltage difference between the
audio power amplifier and theTDA7415CB's PA-outputs can be detected, preventing serious
damage to the loudspeakers. The circuit compares whether the signal crosses the zero level
inside the audio power at the same time as in the speaker cell. The output of the zero-
window-comparator of the power amplifier must be connected with the WinIn-input of the
TDA7415CB. The WinIn-input has an internal pull-up resistor connected to 5,5Volts. It is
recommended to drive this pin with open-collector outputs only.
To compensate for errors at low frequencies the WinTC0/1-pins are implemented, with
external capacitors introducing the same delay
τ = 5kΩ * Cext as the AC-coupling between
the TDA7415 and the power amplifier introduces. For the zero window comparators, the
time constant for spike rejection as well as the threshold are programmable.
For electrical characteristics see page 8.
A low-active DC-offset error signal appears at the DCErr output if the next conditions are
both true:
a)
All PA-outputs (front and rear) are inside zero crossing windows.
b)
The Input voltage VWinIn is logic low whenever at least one output of the power
amplifier is outside the zero crossing windows.
After power-on, the external attached capacitor is rapidly charged (fast-charge) to overcome
a false indication. The fast mode has to be turned off by a manual release of the fast-charge
Figure 23.
DC-offset detection circuit (simplified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com