Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7415CB Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 9Page - STMicroelectronics TDA7415CB Datasheet HTML 10Page - STMicroelectronics TDA7415CB Datasheet HTML 11Page - STMicroelectronics TDA7415CB Datasheet HTML 12Page - STMicroelectronics TDA7415CB Datasheet HTML 13Page - STMicroelectronics TDA7415CB Datasheet HTML 14Page - STMicroelectronics TDA7415CB Datasheet HTML 15Page - STMicroelectronics TDA7415CB Datasheet HTML 16Page - STMicroelectronics TDA7415CB Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
TDA7415CB
Electrical specification
13/50
4.3.2
Main signal processing path
trepeat
Read-out cycle repeat time
Recommended refresh rate
50
ms
tintres
Internal reset time
Auto-reset mode enabled
3
4
5
ms
tSAres
Reset pulse width
Auto-reset mode disabled
500
ns
1.
All differential inputs or differential configurations have -3dB input gain.
Table 6.
Input section (continued)
Symbol
Parameter
Test conditions / remark
Min.
Typ.
Max.
Unit
Table 7.
Main signal processing path
Symbol
Parameter
Test conditions / remark
Min.
Typ.
Max.
Unit
Rin
Input Impedance
35
50
65
k
Ω
VCL
Input Clipping Level
THD
≤ 0.1%
1.4
1.5
VRMS
GIN MIN
Min. Input Gain
input to output; all filters flat
-16
-15
-14
dB
GIN MAX
Max. Input Gain
14
+15
16
dB
GSTEP
Gain-adjust Step Resolution
1
dB
VDC
DC-Offset Steps
Adjacent Gain Steps
0.5
6
mV
GMIN to GMAX
530
mV
VOUT,max
Maximum output level
RLOAD ≥ 2kΩ; THD ≤ 0.1%
1.4
1.5
VRMS
RL
Output load resistance
THD
≤ 0.1%
1.0
k
Ω
COUT
Output load capacitance
10
nF
ROUT
Output impedance
24
36
Ω
VDC
DC voltage level
3.1
3.3
3.5
V
Bass Control
GRANGE
Gain Control Range
±13
±15
±17
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fC
Center Frequency (1)
fC0
30
40
50
Hz
fC1
40
50
50
Hz
fC2
50
60
70
Hz
fC3
60
70
90
Hz
fC4
60
80
100
Hz
fC5
80
100
120
Hz
fC6
100
120
140
Hz
fC7
120
150
170
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com