Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 26Page - Analog Devices ADE9103 Datasheet HTML 27Page - Analog Devices ADE9103 Datasheet HTML 28Page - Analog Devices ADE9103 Datasheet HTML 29Page - Analog Devices ADE9103 Datasheet HTML 30Page - Analog Devices ADE9103 Datasheet HTML 31Page - Analog Devices ADE9103 Datasheet HTML 32Page - Analog Devices ADE9103 Datasheet HTML 33Page - Analog Devices ADE9103 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
APPLICATIONS INFORMATION
analog.com
Rev. A | 30 of 55
ADE9103/ADE9112/ADE9113 are connected, which helps to free
up microcontroller pins for other purposes.
In Figure 37, the CLKOUT/DREADY pin of the ADE9103/ADE9112/
ADE9113 that senses the Phase C current and voltage is connect-
ed to the input and output pin of the microcontroller. CLKOUT/
DREADY provides an active low pulse for 256 CLKIN cycles
(15.625 µs at CLKIN = 16.384 MHz) when the ADC conversion
data is available. It signals when the ADC outputs of all ADE9103/
ADE9112/ADE9113 devices become available and when the mi-
crocontroller starts to read them. See the Synchronizing Multiple
ADE9103/ADE9112/ADE9113 Devices section for more informa-
tion about synchronizing multiple ADE9103/ADE9112/ADE9113 de-
vices.
At power-up, or after a hardware or software reset, follow the
procedure described in the Power-Up Procedure for Systems with
Multiple Devices That Use a Single Crystal section or the Power-Up
Procedure for Systems with Multiple Devices That Use a Clock
Signal Generated from a Microcontroller section to ensure that the
ADE9103/ADE9112/ADE9113 devices function appropriately.
Figure 38. SPI Connection Between Three ADE9103/ADE9112/ADE9113
Devices in a Daisy Chain and a Microcontroller
Figure 39. SPI Connections Between Three ADE9103/ADE9112/ADE9113
Devices and a Microcontroller
DC METERING
The ADE9103/ADE9112/ADE9113 can also be used in DC metering
applications.
Figure 40. DC Current and Voltage Sensing
Figure 40 shows the ADE9112 and ADE9113 as a DC voltage and
current sensor. The DC current, IDC, is sensed with a shunt. A
terminal of the shunt is connected to the IM pin of the ADE9112 and
ADE9113 and becomes the ground, AGND (Pin 11), of the isolated
side of the ADE9112 and ADE9113. The DC+ to DC− voltage, VDC,
is sensed with a resistor divider, and the V1M pin is also connected
to the IM and AGND pins. Note that the voltages measured by the
ADCs of the ADE9112 and ADE9113 are opposite to VDC and IDC, a
classic approach in single-phase metering.
The V2P and V2M voltage channel is intended for a secondary
voltage measurement, and it is available only on the ADE9113. If
V2P is not used, as is the case of the ADE9112, connect V2P to
V2M.
DC applications requiring working voltage capabilities beyond the
ADE9112 and ADE9113 can use the ADE9103 in series with dis-
crete signal and power isolation.
DC Offset Mode
The ADE9103/ADE9112/ADE9113 has a mode where the inputs of
the current channel (IP and IM) can be internally shorted together,
while disconnecting the external pin, to perform an offset measure-
ment without the influence of circuits outside of the IC. This shorting
can happen at any time while powered.
To use DC offset mode, take the following steps:
1. Set the ISO_WR_ACC_EN bit (Bit 0) within the CON-
FIG_ISO_ACC register (Address 0x005) to 1.
2. Wait at least 200 µs.
3. Set the DC_OFFSET_MODE register (Address 0x0CC) to 1.
4. Wait for appropriate settling time for the system and capture
waveform data to perform the offset measurement.
5. Set the DC_OFFSET_MODE register (Address 0x0CC) to 0.
6. Clear the ISO_WR_ACC_EN bit (Bit 0) within the CON-
FIG_ISO_ACC register (Address 0x005) to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com