Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 3Page - Analog Devices ADE9103 Datasheet HTML 4Page - Analog Devices ADE9103 Datasheet HTML 5Page - Analog Devices ADE9103 Datasheet HTML 6Page - Analog Devices ADE9103 Datasheet HTML 7Page - Analog Devices ADE9103 Datasheet HTML 8Page - Analog Devices ADE9103 Datasheet HTML 9Page - Analog Devices ADE9103 Datasheet HTML 10Page - Analog Devices ADE9103 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
SPECIFICATIONS
analog.com
Rev. A | 7 of 55
Table 2. Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
V1P and V1M
ADE9112/ADE9113
87
212
nV/°C
ADE9103
100
268
nV/°C
V2P and V2M
ADE9112/ADE9113
115
245
nV/°C
ADE9103
121
290
nV/°C
Gain Error
All Channels
±0.1
±0.5
%
Not including anti-aliasing filter
Gain Drift (Gain Amplifier, ADC, and Internal Voltage
Reference)
See Gain Drift over Temperature section
IP, −40°C to +125°C
ADE9112/ADE9113
12
24
ppm/°C
ADE9103
15
31
ppm/°C
V1P and V2P, −40°C to +125°C
ADE9112/ADE9113
13
24
ppm/°C
ADE9103
15
30
ppm/°C
POWER SUPPLY REJECTION (PSR)/COMMON-MODE
REJECTION RATIO (CMRR)
See the Power Supply Rejection (PSR) section
AC PSR
VDD = 3.3 V + 120 mV RMS (100 Hz), IP = V1P = V2P =
AGND
IP and IM
−120
dB
V1P, V1M, V2P, and V2M
−105
dB
DC PSR
VDD = 3.3 V ± 330 mV DC, IP = 3.125 mV peak, V1P =
V2P = 100 mV peak
IP and IM
−120
dB
V1P, V1M, V2P, and V2M
−105
dB
AC CMRR
At 50 Hz and 60 Hz
IP and IM
−114
dB
V1P, V1M, V2P, and V2M
−111
dB
Pass-Band Flatness (−0.1 dB)
32 kSPS Output
1.5
kHz
2.86
kHz
Compensation enabled, LPF_BW = 0
2.43
kHz
Compensation enabled, LPF_BW = 1
8 kSPS Output
1.5
kHz
2.87
kHz
Compensation enabled, LPF_BW = 0
2.44
kHz
Compensation enabled, LPF_BW = 1
4 kSPS Output
0.77
kHz
2 kSPS Output
0.38
kHz
1 kSPS Output
0.20
kHz
Output Bandwidth (−3 dB)1
DATAPATH_CONFIG = 000 has no LPF and, therefore,
bandwidth is not specified
32 kSPS and 8 kSPS
3.3
kHz
LPF_BW = 0
2.7
kHz
LPF_BW = 1
4 kSPS
1.65
kHz
LPF_BW = 0
1.35
kHz
LPF_BW = 1
2 kSPS
0.825
kHz
LPF_BW = 0
0.675
kHz
LPF_BW = 1
1 kSPS
0.413
kHz
LPF_BW = 0
0.338
kHz
LPF_BW = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com