Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 50 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 46Page - Analog Devices ADE9103 Datasheet HTML 47Page - Analog Devices ADE9103 Datasheet HTML 48Page - Analog Devices ADE9103 Datasheet HTML 49Page - Analog Devices ADE9103 Datasheet HTML 50Page - Analog Devices ADE9103 Datasheet HTML 51Page - Analog Devices ADE9103 Datasheet HTML 52Page - Analog Devices ADE9103 Datasheet HTML 53Page - Analog Devices ADE9103 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
REGISTER DETAILS
analog.com
Rev. A | 50 of 55
Table 20. Register Details (Continued)
Addr
Name
Bits Bit Name
Settings Description
Reset Access
0
EFUSE_REFRESH
Forces a Refresh of the eFuse Memory. This bit can be used as
a recovery method from a eFuse memory error without having to
undertake the penalty of a hardware reset. This bit auto clears on
completion of eFuse refresh.
0x0
R/W
0x009
EMI_CONFIG
[7:3] RESERVED
Reserved.
0x0
R
[2:0] EMI_CONFIG
EMI Frequency Hopping Selection. No functionality on the
ADE9103.
0x3
R/W
000
Sawtooth Frequency Rising. Frequency starts at frequency
defined by EMI_LO_LIMIT and ramps to higher frequency as
defined by EMI_HI_LIMIT and then returns to EMI_LO_LIMIT.
001
Sawtooth Frequency Falling. Frequency starts at frequency
defined by EMI_HI_LIMIT and ramps to a lower frequency as
defined by EMI_LO_LIMIT and then returns to EMI_LO_LIMIT.
010
Ramp. Linear ramp up and down in frequency between the limits,
EMI_LO_LIMIT and EMI_HI_LIMIT.
011
Random Hopping Frequency. The isolated power oscillator
frequency varies ±63 trim codes around the calibrated center
frequency of EMI_MID_LIMIT.
0x00A
EMI_HI_MASK
[7:0] EMI_HI_MASK
Emissions Mask, High Frequency Bounds. No functionality on the
ADE9103.
0x0
R/W
0x00B
EMI_LO_MASK
[7:0] EMI_LO_MASK
Emissions Mask, Low Frequency Bounds. No functionality on the
ADE9103.
0x0
R/W
0x00C
EMI_HI_LIMIT
[7:0] EMI_HI_LIMIT
Factory Stored High Frequency Limit. This stored value
corresponds to emissions of ≈420 MHz and can be used to set the
EMI_xx_MASK. No functionality on the ADE9103.
0x0
R
0x00D
EMI_MID_LIMIT
[7:0] EMI_MID_LIMIT
Factory Stored Center Frequency Value. This stored value
corresponds to emissions of ≈360 MHz and can be used to set the
EMI_xx_MASK. No functionality on the ADE9103.
0x0
R
0x00E
EMI_LO_LIMIT
[7:0] EMI_LO_LIMIT
Factory Stored Low Frequency Limit. This stored value
corresponds to emissions of ≈300 MHz and can be used to set the
EMI_xx_MASK. No functionality on the ADE9103.
0x0
R
0x00F
MASK0
7
STATUS1X
STATUS1 Interrupt Mask. See the STATUS0 register details
description for corresponding status bit. Mask high to allow
interrupt source to drive the IRQ pin.
0x0
R/W
6
STATUS2X
STATUS2 Interrupt Mask. See the STATUS0 register details
description for corresponding status bit. See the STATUS1X
description for mask bit functionality.
0x0
R/W
5
RESERVED
Reserved.
0x0
R
4
COM_UP
COM_UP Interrupt Mask. See the STATUS0 register details
description for corresponding status bit. See the STATUS1X
description for mask bit functionality.
0x0
R/W
3
CRC_CHG
CRC_CHG Interrupt Mask. See the STATUS0 register details
description for corresponding status bit. See the STATUS1X
description for mask bit functionality.
0x0
R/W
2
RESERVED
Reserved.
0x0
R
1
SPI_CRC_ERR
SPI_CRC_ERR Interrupt Mask. See the STATUS0 register details
description for corresponding status bit. See the STATUS1X
description for mask bit functionality.
0x0
R/W
0
COMFLT_ERR
COM_FLT_ERR Interrupt Mask. See the STATUS0 register details
description for corresponding status bit. See the STATUS1X
description for mask bit functionality.
0x0
R/W
0x010
MASK1
[7:4] RESERVED
Reserved.
0x0
R
3
V2_WAV_OVRNG
V2 Channel Overrange Interrupt Mask.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com