Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 40 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 36Page - Analog Devices ADE9103 Datasheet HTML 37Page - Analog Devices ADE9103 Datasheet HTML 38Page - Analog Devices ADE9103 Datasheet HTML 39Page - Analog Devices ADE9103 Datasheet HTML 40Page - Analog Devices ADE9103 Datasheet HTML 41Page - Analog Devices ADE9103 Datasheet HTML 42Page - Analog Devices ADE9103 Datasheet HTML 43Page - Analog Devices ADE9103 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
APPLICATIONS INFORMATION
analog.com
Rev. A | 40 of 55
SPI Short Format Operation
A short format operation can consist of either 32 bits or 48 bits.
The command packet is always the final 32 bits or 48 bits of
the transaction on the MOSI data line. The command response is
always the first 8 bits of the MISO data line. The CRC_CCITT is
the final 16 bits only when the main transmits 48 cycles on SCLK.
A short SPI transaction is only compatible with a dedicated SPI
configuration because the daisy chain requires 128-bit responses.
The short format read operation using the ADE9103/ADE9112/
ADE9113 SPI is initiated when the main sets the CS pin low
and begins outputting the SCLK signal. Bit 31 (R/W) must be set
to 1. Bit 30 (LONG) must be cleared to 0. Bits[23:16] (ADDR)
represent the address of the register to be read or written. The
ADE9103/ADE9112/ADE9113 SPI samples data on the low to high
transitions of SCLK. During this operation, the MISO line contains
the response to the previous command packet. After the main
device complete 32 SCLK cycles or 48 SCLK cycles, it sets the
CS and SCLK lines high, and the communication ends. The MISO
data lines are set to a high impedance state when CS is not
asserted. During the following transaction, the ADE9103/ADE9112/
ADE9113 line outputs its 32-bit or 48-bit read response on MISO.
This operation contains the data in ADDR as well as ADDR + 1 as
requested in the prior operation as well as STATUS0. See Figure 51
for details of the SPI short read operation.
In the case of reading any x_WAV_x register, STATUS0 is exclud-
ed, and all 24 bits of the x_WAV_x is used instead.
The short format write operation using the ADE9103/ADE9112/
ADE9113 SPI is initiated when the main sets the CS pin low and
begins outputting the SCLK signal. Bit 31 (R/W) must be cleared
to 0. Bit 30 (LONG) must be cleared to 0. Bits[23:16] (ADDR)
represent the address of the register to be read or written. Bits[15:8]
(DATA) represents the data to be written into the address in ADDR.
The ADE9103/ADE9112/ADE9113 SPI samples data on the low to
high transitions of SCLK. During this operation, the MISO line con-
tains the response to the previous command packet. After the main
device completes 32 SCLK cycles or 48 SCLK cycles, it sets the
CS and SCLK lines high, and the communication ends. The data
lines, MOSI and MISO, go into a high impedance state. The write is
completed with a single operation. During the following transaction,
the ADE9103/ADE9112/ADE9113 line outputs its 32-bit or 48-bit
write response on MISO. This response includes a readback of the
address written to on the previous operation and STATUS0. See
Figure 52 for details of the SPI short write operation.
Figure 51. Short Format Read Transaction
Figure 52. Short Format Write Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com