Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 38 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 34Page - Analog Devices ADE9103 Datasheet HTML 35Page - Analog Devices ADE9103 Datasheet HTML 36Page - Analog Devices ADE9103 Datasheet HTML 37Page - Analog Devices ADE9103 Datasheet HTML 38Page - Analog Devices ADE9103 Datasheet HTML 39Page - Analog Devices ADE9103 Datasheet HTML 40Page - Analog Devices ADE9103 Datasheet HTML 41Page - Analog Devices ADE9103 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
APPLICATIONS INFORMATION
analog.com
Rev. A | 38 of 55
SPI Long Format Operation
Every long format operation consists of a 128-bit response on
the MISO data line. Every transaction regardless of read or write
includes the command response, STATUS0, STATUS1, I_WAV,
V1_WAV, V2_WAV, and CRC_CCITT. The remaining bits are de-
pendent on whether the previous command was a read or a write.
See Table 13 for details. Long format SPI transactions are required
when using the daisy-chain SPI configuration.
The read operation using the ADE9103/ADE9112/ADE9113 SPI is
initiated when the main sets the CS pin low and begins outputting
the SCLK signal. The main transmits the command packet on the
last 32 clock cycles of the transaction. The bit composition of the
command packet is shown in Table 13. Bit 31 (R/W) determines the
type of operation. For a read, R/W must be set to 1. For a write,
R/W must be cleared to 0. Bit 30 (LONG) determines the size of
the response on the next operation. For a long format response,
LONG must be set to 1. For a short format response, LONG must
be cleared to 0. Bits[29:24] are unused and must be set to 0x00.
Bits[23:16] (ADDR) represent the address of the register to be read
or written. The ADE9103/ADE9112/ADE9113 SPI samples data on
the low to high transitions of SCLK. During this operation, the
MISO line contains the response to the previous command packet.
After the main device completes 128 SCLK cycles, it sets the
CS and SCLK lines high, and the communication ends. The data
lines, MOSI and MISO, go into a high impedance state. During the
following transaction, the ADE9103/ADE9112/ADE9113 line outputs
its 128-bit read response on MISO. This operation contains the data
read in ADDR as well as ADDR + 1. Figure 49 shows a long format
read operation followed by the response.
The write operation using the ADE9103/ADE9112/ADE9113 SPI is
initiated when the main sets the CS pin low and begins outputting
the SCLK signal. The main transmits the command packet on the
last 32 clock cycles of the transaction. R/W must be cleared to
0. LONG must be set to 1. ADDR represents the address of the
register to be read or written. DATA represents the data to be writ-
ten into the address in ADDR. The ADE9103/ADE9112/ADE9113
SPI samples data on the low to high transitions of SCLK. During
this operation, the MISO line contains the response to the previous
command packet. After the main device completes 128 SCLK
cycles, it sets the CS and SCLK lines high, and the communication
ends. The data lines, MOSI and MISO, go into a high impedance
state, and the write completes with a single operation. During the
following transaction, the ADE9103/ADE9112/ADE9113 line outputs
its 128-bit write response on MISO. This response includes a read
back of the address written to on the previous operation. See
Figure 50 for details of the SPI write operation.
Table 13. Command Byte for SPI Read/Write Operations
Bit Field
Location
Bit Field
Name
Description
31
R/W
Set this bit to 1 if an SPI read operation is
executed.
Clear this bit to 0 if an SPI write operation is
executed.
30
LONG
Set this bit to 1 for a long frame structure.
Set this bit to 0 for a short frame structure.
[29:24]
RSRVD
Program to 0x00.
[23:16]
ADDR
Address of the register to be read or written.
[15:8]
DATA
Data payload if a write operation is executed.
[7:0]
CRC
CRC calculation over Bits[31:8].
Figure 49. Long Format Read SPI Transaction
Figure 50. Long Format Write SPI Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com