Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 52 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 47Page - Analog Devices ADE9103 Datasheet HTML 48Page - Analog Devices ADE9103 Datasheet HTML 49Page - Analog Devices ADE9103 Datasheet HTML 50Page - Analog Devices ADE9103 Datasheet HTML 51Page - Analog Devices ADE9103 Datasheet HTML 52Page - Analog Devices ADE9103 Datasheet HTML 53Page - Analog Devices ADE9103 Datasheet HTML 54Page - Analog Devices ADE9103 Datasheet HTML 55Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
REGISTER DETAILS
analog.com
Rev. A | 52 of 55
Table 20. Register Details (Continued)
Addr
Name
Bits Bit Name
Settings Description
Reset Access
[5:0] SNAPSHOT_COUNT[13:8]
System Timing Controller Count. Snapshot value of the system
timing controller counter used in the synchronization operation.
0x0
R
0x018
SNAPSHOT_COUNT_LO [7:0] SNAPSHOT_COUNT[7:0]
System Timing Controller Count. Snapshot value of the system
timing controller counter used in the synchronization operation.
0x0
R
0x01F
WR_LOCK
[7:0] WR_LOCK
Configuration Register Write Lock. When enabled, the lock feature
does not allow changes to writable registers of Address 0x001 to
Address 0x018.
0x5E R/W
0xD4
Lock Key. If register map is locked, the lock key value can be read.
0x5E
Unlock Key. if the register map is unlocked, any value can be
written or read from this location.
0x020
STATUS0
7
STATUS1X
STATUS1 Indicator. Logical OR of the STATUS1 bit fields that
have the corresponding MASK1 bit set. When this condition is
satisfied, STATUS1X asserts. To clear this bit field, the source
driving interrupt in STATUS1 must be cleared via a write 1 to clear
(W1C).
0x0
R
6
STATUS2X
STATUS2 Indicator. See the STATUS1X description but for the
STATUS2 register.
0x0
R
5
RESET_DONE
Reset Done Interrupt. Nonmaskable interrupt. This interrupt
signals that the IC is ready for configuration.
0x0
R/W1C
4
COM_UP
Communication Across Isolation Established. The ADE9103/
ADE9112/ADE9113 is now fully operational and ready to send
ADC waveform data.
0x0
R/W1C
3
CRC_CHG
Register Map Background CRC Change Interrupt. The value of
a register included in the CRC has changed. This change may
be the result of user software reconfiguration; however, if this is
not the case, issue a software reset and reconfigure the ADE9103/
ADE9112/ADE9113.
0x0
R/W1C
2
EFUSE_MEM_ERR
eFuse Memory Error. Nonmaskable interrupt. There was an
uncorrectable error in the eFuse memory. This bit field is not
W1C, and user action is to request an eFuse memory refresh
using EFUSE_REFRESH.
0x0
R
1
SPI_CRC_ERR
SPI Write CRC Error Interrupt. A CRC error was detected on
the previous SPI command received by the ADE9103/ADE9112/
ADE9113, and this error bit is set on the SPI read response.
0x0
R/W1C
0
COMFLT_ERR
Isolation Communications Fault Interrupt. There was a fault in the
communication across the isolation. See the COM_FLT_TYPE and
COM_FLT_COUNT registers for more details on the error.
0x0
R/W1C
0x021
STATUS1
[7:4] RESERVED
Reserved.
0x0
R
3
V2_WAV_OVRNG
ADC V2 Channel Waveform Overrange. The V2 channel ADC
has exceeded the maximum range, and the output V2_WAV was
clamped to 7549748d.
0x0
R/W1C
2
V1_WAV_OVRNG
ADC V1 Channel Waveform Overrange. The V1 channel ADC
has exceeded the maximum range, and the output V1_WAV was
clamped to 7549748d.
0x0
R/W1C
1
I_WAV_OVRNG
ADC Current Channel Waveform Overrange. The current channel
ADC has exceeded the maximum range, and the output I_WAV
was clamped to 7549748d.
0x0
R/W1C
0
ADC_SYNC_DONE
SPI Write to ADC Synchronization Registers. When the
SYNC_SNAP register is written to, this interrupt triggers.
0x0
R/W1C
0x022
STATUS2
7
RESERVED
Reserved.
0x0
R
6
ISO_CLK_STBL_ERR
ISO ADC Clock Stability Error Detected.
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com