Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 37 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 33Page - Analog Devices ADE9103 Datasheet HTML 34Page - Analog Devices ADE9103 Datasheet HTML 35Page - Analog Devices ADE9103 Datasheet HTML 36Page - Analog Devices ADE9103 Datasheet HTML 37Page - Analog Devices ADE9103 Datasheet HTML 38Page - Analog Devices ADE9103 Datasheet HTML 39Page - Analog Devices ADE9103 Datasheet HTML 40Page - Analog Devices ADE9103 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
APPLICATIONS INFORMATION
analog.com
Rev. A | 37 of 55
SPI COMPATIBLE COMMUNICATION
The SPI port of the ADE9103/ADE9112/ADE9113 is a subordinate
device of the main communication device on the SPI bus. The
interface consists of SCLK, MOSI, MISO, and CS signals. The
serial clock for a data transfer is applied at the SCLK logic input.
All data transfer operations synchronize to the serial clock. The
maximum and minimum serial clock frequencies supported by this
interface are specified by the SCLK Frequency, fSCLK, parameter in
Table 3.
The CS logic input is the chip select input. Drive the CS input low
for the entire data transaction. Each SPI transaction consists of a
response to the previous command of up to 16 bytes on the MISO
logic and a command packet as the last 4 bytes of the transaction
on the MOSI logic. The response has both a long format, described
in SPI Long Format Operation, and a short format, described in SPI
Short Format Operation, as specified by the command packet. The
most significant bits of the word are shifted in and out first during
both long and short format operations.
Data transmission to and from the SPI port of the ADE9103/
ADE9112/ADE9113 is protected by bidirectional CRC. An 8-bit CRC
is required to be transmitted by the main communication device as
Bits[7:0] of the command packet. An incorrect CRC results in an
error. The error response can be disabled in the CONFIG0 register.
More details on the CRC calculation can be found in CRC of
Command Packet. Details of the 16-bit CRC sent by the ADE9103/
ADE9112/ADE9113 in the response can be found in the CRC of
Response Packet section.
ADE9103/ADE9112/ADE9113 devices may be connected inde-
pendently as those shown in Figure 39 or in daisy chain, as shown
in Figure 38. There is no configuration required to indicate whether
each ADE9103/ADE9112/ADE9113 device is being addressed indi-
vidually or as a member of a daisy chain. Individually addressed
devices may be issued both 32 bit short, 48 bit short and 128 bit
long format commands. Devices connected in daisy chain must
be issued commands only in the 128 bit long format. The full
SPI transaction length for daisy chain connected devices must be
exactly 128 bits multiplied by the number of daisy chain connected
devices.
The SPI port of each ADE9103/ADE9112/ADE9113 device inter-
prets the last 32 bits received by the MOSI shift register only at
the instant the CS pin transitions high. Read and write command re-
sponses are given in the next SPI response. The CMD ECHO byte
of SPI read and write responses echos the characteristics of the
command. The RWB indicates if the command was read or write.
The long bit indicates if the command was long or short format. The
RSRVD bits are reserved and wll be masked. SPI_CRC_ERR is a
flag bit that indicates a CRC error was encountered in the previous
SPI command decode when set to 1. The IRQ flag bit indicates a
pending interrupt request when set to 1.
Figure 47. SPI Command Packet Structure
Figure 48. SPI Long Read and Write Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com