Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 24 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 20Page - Analog Devices ADE9103 Datasheet HTML 21Page - Analog Devices ADE9103 Datasheet HTML 22Page - Analog Devices ADE9103 Datasheet HTML 23Page - Analog Devices ADE9103 Datasheet HTML 24Page - Analog Devices ADE9103 Datasheet HTML 25Page - Analog Devices ADE9103 Datasheet HTML 26Page - Analog Devices ADE9103 Datasheet HTML 27Page - Analog Devices ADE9103 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
THEORY OF OPERATION
analog.com
Rev. A | 24 of 55
ANALOG INPUTS
The ADE9113 has three analog inputs: one current channel and
two voltage channels. The ADE9112 does not include the second
voltage channel. The current channel has two fully differential
voltage input pins, IP and IM, that accept a maximum differential
signal of ±31.25 mV.
The maximum IP voltage (VIP) signal level is also ±31.25 mV. The
maximum IM voltage (VIM) signal level allowed at the IM input is
±25 mV. Figure 30 shows a schematic of the input for the current
channel and the relation to the maximum IM pin voltage.
Figure 30. Maximum Input Level, Current Channel
Note that the current channel senses the voltage across a shunt.
In this case, one pole of the shunt becomes the ground of the
meter (see Figure 35) and, therefore, the current channel is used
in a pseudo differential configuration, similar to the voltage channel
configuration (see Figure 31).
The V1 and V2 voltage channels are fully differential, but most typi-
cally used in a pseudo differential setup. These differential voltage
inputs have a maximum input voltage of ±1000 mV. If setup pseudo
differentially, the voltage inputs have a maximum input voltage of
±500 mV with respect to V1M or V2M. The maximum signal allowed
on the VxP or VxM pins is ±600 mV. Figure 31 shows a schematic
of the voltage channel inputs and their relation to the maximum
VxM voltage.
Figure 31. Maximum Input Level, Voltage Channels
ANALOG-TO-DIGITAL CONVERSION
The ADE9103/ADE9112/ADE9113 have three, second-order, multi-
bit Σ-Δ ADCs. For simplicity, the block diagram in Figure 32 shows
a first-order Σ-Δ ADC. The converter is composed of the Σ-Δ
modulator and the digital low-pass filter (LPF), separated by the
digital isolation block.
Figure 32. First-Order Σ-Δ ADC
A Σ-Δ modulator converts the input signal into a continuous serial
stream of 1s and 0s at a rate determined by the sampling clock.
In the ADE9103/ADE9112/ADE9113, the sampling clock is equal
to XTALIN/16 (1.024 MHz when XTALIN = 16.384 MHz). The 1-bit
DAC in the feedback loop is driven by the serial stream. The DAC
output is subtracted from the input signal. If the loop gain is high
enough, the average value of the DAC output (and, therefore, the
bit stream) can approach that of the input signal level. For any
given input value in a single sampling interval, the data from the
1-bit ADC is virtually meaningless. A meaningful result is obtained
only when a large number of samples is averaged. This averaging
is completed in the second part of the ADC, the digital LPF, after
the data passes through the digital isolators. By averaging a large
number of bits from the modulator, the LPF can produce 24-bit
data-words that are proportional to the input signal level.
The Σ-Δ converter uses two techniques to achieve high resolution
from what is essentially a 1-bit conversion technique. The first
technique is oversampling. Oversampling means that the signal
is sampled at a rate (frequency) that is many times higher than
the bandwidth of interest. For example, when XTALIN = 16.384
MHz, the sampling rate in the ADE9103/ADE9112/ADE9113 is
1.024 MHz, and the bandwidth of interest is 40 Hz to 3.3 kHz.
Oversampling has the effect of spreading the quantization noise
(noise due to sampling) over a wider bandwidth. With the noise
spread more thinly over a wider bandwidth, the quantization noise
in the bandwidth of interest is lowered, as shown in Figure 33.
However, oversampling alone is not sufficient to improve the SNR
in the band of interest. For example, an oversampling factor of
4 is required to increase the SNR by a mere 6 dB (1 bit). To
keep the oversampling ratio at a reasonable level, it is possible to
shape the quantization noise so that the majority of the noise lies
at the higher frequencies. Noise shaping is the second technique
that achieves high resolution. In the Σ-Δ modulator, the noise is
shaped by the integrator, which has a high-pass type response for
the quantization noise. The result is that most of the noise is at the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com