Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 14 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 10Page - Analog Devices ADE9103 Datasheet HTML 11Page - Analog Devices ADE9103 Datasheet HTML 12Page - Analog Devices ADE9103 Datasheet HTML 13Page - Analog Devices ADE9103 Datasheet HTML 14Page - Analog Devices ADE9103 Datasheet HTML 15Page - Analog Devices ADE9103 Datasheet HTML 16Page - Analog Devices ADE9103 Datasheet HTML 17Page - Analog Devices ADE9103 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 14 of 55
Figure 8. ADE9103 Pin Configuration
Table 11. ADE9103 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3
NC
No Connect. Pin 1 and Pin 3 are connected together internally. These NC pins have no internal connection.
2
NIC
Not Connected Internally. The NIC pin has no internal connection.
4, 24
VDD
Primary Supply Voltage. The VDD pins provide the supply voltage for the ADE9103. Maintain the supply voltage at 3.3 V ±
10% for the specified operation. Decouple the VDD pins to the closest DGND pin with a 4.7 µF capacitor in parallel with a
ceramic 100 nF capacitor.
5, 11, 18, 25
DGND
Ground Reference.
6
ALDOOUT
1.8 V Output of Analog LDO Regulator. Decouple the ALDOOUT pin with a 4.7 µF capacitor in parallel with a ceramic 100
nF capacitor to DGND, Pin 5. Do not connect the external load circuitry to the ALDOOUT pin.
7
V2P
Positive Analog Input for the V2 Voltage Channel. V2P and V2M are differential voltage inputs with a maximum single-ended
signal level of ±500 mV with respect to the VxM pins for specified operation. Use the V2P and V1P pins with the related
input circuitry, as shown in Figure 27. If the V2 voltage channel is not used, connect the V2P pin to the V2M pin.
8
V2M
Negative Analog Input for the V2 Voltage Channel.
9
V1P
Positive Analog Inputs for the V1 Voltage Channel. The voltage channels are used with the voltage transducers. V1P and
V1M are differential voltage inputs with a maximum single-ended signal level of ±500 mV with respect to the VxM pins for
specified operation. Use the V1P and V2P pins with the related input circuitry, as shown in Figure 27. If the V1 voltage
channel is not used, connect the V1P pin to the V1M pin.
10
V1M
Negative Analog Input for the V1 Voltage Channel.
12
REFOUT
Voltage Reference Output. The REFOUT pin provides access to the on-chip voltage reference. The on-chip reference has a
nominal value of 1.25 V. Decouple the REFOUT pin to DGND, Pin 11, with a 4.7 µF capacitor in parallel with a ceramic 100
nF capacitor. Do not connect external load circuitry to the REFOUT pin.
13
IM
Negative Analog Input for the Current Channel. The current channel is used with shunts. IM and IP are pseudo differential
voltage inputs with a maximum differential level of ±31.25 mV. Use the IM and IP pins with the related input circuitry, as
shown in Figure 27.
14
IP
Positive Analog Input for the Current Channel.
15
IRQ
Interrupt Request Output. The IRQ pin is an active low logic open drain outputwith weak internal pull-up resistor.
16
ZX
Zero-Crossing Output Pin. The ZX pin must float when unused.
17
CLKOUT/DREADY
Clock Output (CLKOUT). When CLKOUT functionality is selected (see the Synchronizing Multiple ADE9103/ADE9112/
ADE9113 Devices section for details), the ADE9103 generates a digital signal synchronous to the main clock at the XTALIN
pin. Use CLKOUT to provide a clock to other ADE9103/ADE9112/ADE9113 devices. Data Ready, Active Low (DREADY).
When DREADY functionality is selected (see the Synchronizing Multiple ADE9103/ADE9112/ADE9113 Devices section for
details), the ADE9103 generates an active low signal synchronous to the ADC output frequency. Use this signal to start
reading the ADC outputs of the ADE9103.
19
MOSI
Data Input for the SPI Port.
20
MISO
Data Output for the SPI Port. Attach a 10 kΩ pull-up resistor to the VDD supply voltage for increased electromagnetic
compatibility (EMC) robustness.
21
SCLK
Serial Clock Input for the SPI Port. All serial data transfers are synchronized to this clock (see Table 3 for SPI interface
timing parameters and SPI Compatible Communication section for additional SPI port details).
22
CS
Chip Select for the SPI Port (Active Low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com