Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 51 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 47Page - Analog Devices ADE9103 Datasheet HTML 48Page - Analog Devices ADE9103 Datasheet HTML 49Page - Analog Devices ADE9103 Datasheet HTML 50Page - Analog Devices ADE9103 Datasheet HTML 51Page - Analog Devices ADE9103 Datasheet HTML 52Page - Analog Devices ADE9103 Datasheet HTML 53Page - Analog Devices ADE9103 Datasheet HTML 54Page - Analog Devices ADE9103 Datasheet HTML 55Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
REGISTER DETAILS
analog.com
Rev. A | 51 of 55
Table 20. Register Details (Continued)
Addr
Name
Bits Bit Name
Settings Description
Reset Access
2
V1_WAV_OVRNG
V1 Channel Overrange Interrupt Mask.
0x0
R/W
1
I_WAV_OVRNG
Current Channel Overrange Interrupt Mask.
0x0
R/W
0
ADC_SYNC_DONE
ADC Sync Done Update Interrupt Mask.
0x0
R/W
0x011
MASK2
7
RESERVED
Reserved.
0x0
R
6
ISO_CLK_STBL_ERR
Clock Stability Error Interrupt Mask.
0x0
R/W
5
ISO_PHY_CRC_ERR
Data Link CRC Error Interrupt Mask.
0x0
R/W
4
ISO_EFUSE_MEM_ERR
EFuse Memory Error Interrupt Mask.
0x1
R/W
3
ISO_DIG_MOD_V2_OVF
Digital Modulator V2 Channel Overflow Interrupt Mask.
0x0
R/W
2
ISO_DIG_MOD_V1_OVF
Digital Modulator V1 Channel Overflow Interrupt Mask.
0x0
R/W
1
ISO_DIG_MOD_I_OVF
Digital Modulator Current Channel Overflow Interrupt Mask.
0x0
R/W
0
ISO_TEST_MMR_ERR
Test Memory Mapped Register (MMR) Field Detected Interrupt
Mask.
0x0
R/W
0x012
CONFIG_ZX
[7:4] RESERVED
Reserved.
0x0
R
[3:2] ZX_EDGE_SEL
Zero-Crossing Edge Select. Select the edge behavior of the zero-
crossing (ZX) circuit.
0x0
R/W
00
ZX Pin Reflects the Sign of the Input Signal. The ZX pin goes high
on negative to positive ZX and low on positive to negative ZX.
01
Detect Zero Crossings with Positive Slope. When zero crossing
from negative to positive, a high pulse duration of 512 µs is
generated.
10
Detect Zero Crossings with Negative Slope. When zero crossing
from positive to negative, a high pulse duration of 512 µs is
generated.
11
Detect Zero Crossings with Positive or Negative Slopes.
Combines 01 and 10.
[1:0] ZX_CHANNEL_CONFIG
Zero-Crossing Channel Select.
0x0
R/W
00
Disable Zero-Crossing Output.
01
Output Zero-Crossing Function from the Current Channel on the
ZX Pin.
10
Output Zero-Crossing Function from the V1 Channel on the ZX
Pin.
11
Output Zero-Crossing Function from the V2 Channel on the ZX
Pin.
0x013
SCRATCH
[7:0] SCRATCH
Software Debug Register for Testing SPI R/W. Allows
development of SPI and user software by providing a register
that is R/W but has no other function on the chip.
0x0
R/W
0x014
SYNC_SNAP
[7:3] RESERVED
Reserved.
0x0
R
2
PREP_BROADCAST
ADC Prepare Broadcast. Set this bit only when operating with a
dedicated SPI interface and preparing to ALIGN or SNAPSHOT.
The MISO pin is tristated for the next SPI frame. This tristating of
the pad allows a ADC synchronization to be performed on several
chips simultaneously connected to single SPI main. This bit auto
clears once complete.
0x0
R/W
1
ALIGN
ADC Align. When the ALIGN bit is set to 1 via a broadcast SPI
write operation, all devices in the system generate ADC outputs in
the same exact moment. The bit clears itself back to 0 after one
XTALIN cycle.
0x0
R/W
0
SNAPSHOT
ADC Snapshot. When the SNAPSHOT bit is set to 1 via a
broadcast SPI write operation, the internal counters are latched.
The bit clears itself back to 0 after one XTALIN cycle.
0x0
R/W
0x017
SNAPSHOT_COUNT_HI [7:6] RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com