Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 23Page - Analog Devices ADE9103 Datasheet HTML 24Page - Analog Devices ADE9103 Datasheet HTML 25Page - Analog Devices ADE9103 Datasheet HTML 26Page - Analog Devices ADE9103 Datasheet HTML 27Page - Analog Devices ADE9103 Datasheet HTML 28Page - Analog Devices ADE9103 Datasheet HTML 29Page - Analog Devices ADE9103 Datasheet HTML 30Page - Analog Devices ADE9103 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
THEORY OF OPERATION
analog.com
Rev. A | 27 of 55
PROTECTING THE INTEGRITY OF
CONFIGURATION REGISTERS
The configuration lock feature protects the ADE9103/ADE9112/
ADE9113 configuration registers from unwanted changes. To ena-
ble this feature, write the Lock Key 0xD4 to the WR_LOCK register
(Address 0x01F). To disable this feature, write the Unlock Key
0x5E.
To determine whether the feature is enabled or disabled read back
the WR_LOCK register. This register reads back as the lock or
unlock key corresponding to the state it is in.
When this feature is enabled, it prevents writing from Address
0x001 to Address 0x018.
CRC OF CONFIGURATION REGISTERS
A 16-bit CRC is calculated over the configuration registers approx-
imately every 8 ms. The result is stored in CRC_RESULT bits,
which is split into a high and low byte, CRC_RESULT_HI and
CRC_RESULT_LO. The default value in the CRC_RESULT bits is
the CRC result of the default configuration registers. If there is a
change in the CRC result, the CRC_CHG bit inside of STATUS0
is set. The configuration registers, CONFIG0, CONFIG_FILT, CON-
FIG_ISO_ACC, EMI_CONFIG, EMI_HI_MASK, EMI_LO_MASK,
MASK0, MASK1, MASK2, CONFIG_ZX, SCRATCH, as well as
other critical reserved registers are covered by this CRC. The CRC
calculation cannot be disabled.
The CRC calculation of the configuration registers can also be
performed on command by writing to the CRC_FORCE bit in the
CONFIG_CRC register. Writing the CRC_FORCE bit resets the
CRC interval counter and deasset CRC_DONE if previously set
until the CRC calculation is complete. The CRC_FORCE bit is
cleared and the CRC_DONE bit is set once the CRC calculation is
complete. If CRC_FORCE is written high and then rewritten high or
low while recalculating, the second write is ignored. See Table 20
for more details.
STATUS REGISTERS
The bits in the STATUS0, STATUS1, and STATUS2 registers of the
ADE9103/ADE9112/ADE9113 characterize the state of the device.
At power-up, or after a hardware or software reset, the ADE9103/
ADE9112/ADE9113 signal the end of the reset period by setting
Bit 5 (RESET_DONE) to 1 in the STATUS0 register, indicating that
the IC is ready for SPI transactions. Then, Bit 4 (COM_UP) of
STATUS0 gets set to 1 to indicate that the entire IC is up and ready
to transmit the ADC waveform data.
The COMFLT_ERR bit (Bit 0) in the STATUS0 register indicates
when there was a communications failure across the isolation barri-
er. This status bit is used together with the COM_FLT_TYPE and
COM_FLT_COUNT registers. COM_FLT_TYPE gives more detail
as to the type of error that was detected across the isolation barrier,
and then, COM_FLT_COUNT keeps track of the number of error
correction codes (ECC) or physical layer (PHY) errors from the ISO
side to the NONISO side. ECC across the isolation barrier allows
1-bit detect and 1-bit correct and increases the communication
robustness across the barrier. Even though the ADE9103 does not
have isolation, the ECC function of the internal communication is
still present.
The STATUS0 and STATUS1 registers can be read by executing an
SPI register read. STATUS0 and STATUS1 can also be read as part
of the long SPI read operation. See the SPI Long Format Operation
and the SPI Short Format Operation sections for more information.
The STATUS2 register provides insight into internal errors that have
been detected and corrected. No additional actions are required
outside of acknowledging the change through a write 1 command. If
a bit in STATUS2 is continuously being set, this could indicate that
the ADE9103/ADE9112/ADE9113 is in an unrecoverable state.
For more information on individual bits in the STATUSx registers, go
to the bit field descriptions in the Table 20 section.
ZERO CROSSING
The ADE9103/ADE9112/ADE9113 devices have independent zero
crossing detection circuits on each ADC channel. The ZX pin
indicates a zero crossing event and can be used to extract a low
latency power line frequency measurement. Other common uses
for zero crossing detection are indicating opportunities to open and
close relay contacts for minimal switching voltage or deriving time
periods when power line voltage is sufficiently low for power-line
communications in energy metering and programmable logic con-
troller (PLC) systems. See zero crossing output latency and jitter
specification in Table 2.
The ZX_CHANNEL_CONFIG bits in the CONFIG_ZX register set
which ADC channel zero crossing detection circuit is routed to the
ZX output pin. The response and behavior of the ZX pin output are
selectable and allow the flexibility to choose which zero crossing
events are reported by setting the ZX_EDGE_SEL bits. Options
and settings for the CONFIG_ZX register are described in Table 20.
The ZX pin output is disabled by default.
The input of each zero crossing detection circuit has a first order
LPF to filter line harmonics. The typical cutoff frequency is 80 Hz.
The V1 and V2 voltage channels both have integrated hysteresis to
minimize the effects of line noise and bounce. The current channel
does not have hysteresis.
INTERRUPTS
The ADE9103/ADE9112/ADE9113 have two methods for indicating
an event has occurred: the STATUS0, STATUS1, and STATUS2
registers and the IRQ pin. Details for the STATUS0, STATUS1, and
STATUS2 registers can be found in Status Registers and Table
20. The interrupt pin (IRQ), connected to the STATUSx registers
through the MASKx registers, helps detect critical faults to create
a reliable and robust system. The IRQ pin is open drain, allowing
multiple interrupts to be connected together with a single 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com