Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 44 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 40Page - Analog Devices ADE9103 Datasheet HTML 41Page - Analog Devices ADE9103 Datasheet HTML 42Page - Analog Devices ADE9103 Datasheet HTML 43Page - Analog Devices ADE9103 Datasheet HTML 44Page - Analog Devices ADE9103 Datasheet HTML 45Page - Analog Devices ADE9103 Datasheet HTML 46Page - Analog Devices ADE9103 Datasheet HTML 47Page - Analog Devices ADE9103 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
POWER MANAGEMENT
analog.com
Rev. A | 44 of 55
DC-TO-DC CONVERTER
The DC-to-DC converter section of the ADE9112 and ADE9113
works on principles that are common to most modern power supply
designs. The internal DC-to-DC converter of the ADE9112 and
ADE9113 is supplied by the VDD pin and is continuously active
as long as the RESET pin is not asserted. In normal operation,
maintain VDD between 2.97 V and 3.63 V.
VDD power is supplied to an oscillating circuit that drives the
primary side of a chip-scale air core transformer. Using another
chip-scale air core transformer, a feedback circuit measures VDDI-
SO and passes the information back into the VDD domain, where a
pulse-width modulation (PWM) control block controls the AC source
to maintain the floating VDDISO supply at 2.0 V as shown in Figure
56. This isolated voltage supply is then fed to the integrated 1.8 V
LDO regulator at the AVDD pin.
Figure 56. Isolated DC-to-DC Converter Block Diagram
During normal operations, the frequency of emissions is hopping
between 300 MHz and 420 MHz as described in the EMI_CONFIG
register (see Table 20). The EMI_CONFIG register offers four
different modes for controlling the frequency spread of the AC
source. The EMI_HI_LIMIT, EMI_MID_LIMIT, and EMI_LO_LIMIT
are read only registers that contain the values that correspond
to the frequency limits of 420 MHz, 360 MHz, and 300 MHz.
The EMI_LO_MASK and EMI_HI_MASK allows frequencies to be
removed from the sawtooth and ramp frequency sweeps. The
range of removed frequencies is inclusive of EMI_LO_MASK and
EMI_HI_MASK. The EMI_LO_LIMIT and EMI_HI_LIMIT registers
can be used as a reference to calculate the desired values to mask.
The equations to calculate the EMI_LO_LIMIT and EMI_HI_LIM-
IT for a desired frequency range using the EMI_LO_LIMIT and
EMI_HI_LIMIT registers is as follow:
EMI_LO_MASK = ROUNDUPEMI_LO_LIMIT ‐ EMI_HI_LIMIT
300 MHz ‐ 420 MHz ×  (fLO_MASK‐300 MHz) + EMI_LO_LIMIT
(6)
EMI_HI_MASK = ROUNDDOWNEMI_LO_LIMIT ‐ EMI_HI_LIMIT
300 MHz ‐ 420 MHz ×   fHI_MASK‐300 MHz + EMI_LO_LIMIT
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com