Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 49 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 45Page - Analog Devices ADE9103 Datasheet HTML 46Page - Analog Devices ADE9103 Datasheet HTML 47Page - Analog Devices ADE9103 Datasheet HTML 48Page - Analog Devices ADE9103 Datasheet HTML 49Page - Analog Devices ADE9103 Datasheet HTML 50Page - Analog Devices ADE9103 Datasheet HTML 51Page - Analog Devices ADE9103 Datasheet HTML 52Page - Analog Devices ADE9103 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
REGISTER DETAILS
analog.com
Rev. A | 49 of 55
Table 20. Register Details
Addr
Name
Bits Bit Name
Settings Description
Reset Access
0x001
SWRST
[7:0] SWRST
Software Reset.
0x0
W
0xD6
Software Reset Command. The software resets all registers to
their default values. Power cycling the device may be required to
correct hardware functionality.
0x002
CONFIG0
[7:4] RESERVED
Reserved.
0x0
R
[3:2] STREAM_DBG
Stream Debug. Stream debug mode allows configuration of the
x_WAV_x ADC output registers to simplify the debugging of the
communication interface.
0x0
R/W
00
Normal Mode. The x_WAV_x registers contain the ADC results.
01
Static Mode. The x_WAV_x registers are static and hold their
value. The x_WAV_x registers can be written to change to a new
value. The x_WAV_x registers become static and hold their value
until a register write is performed to the x_WAV_x register with
a new value. Programming must first be enabled with the count
mode. setting before this static mode functions.
10
Count Mode. Data Increments at ADC Conversion Rate. Enables
write access to x_WAV_x registers and increments the x_WAV_x
register with every DREADY pulse.
11
Reserved. Same operation as normal mode.
1
CRC_EN_SPI_WRITE
Enables CRC Check on SPI Writes.
0x1
R/W
0
CLKOUT_EN
CLKOUT Enable. Set this bit to 1 to enable CLKOUT when the
device is providing the clock to the remaining ADE9103/ADE9112/
ADE9113 devices. Clear this bit to 0 if receiving an external clock,
in which case, the pin is DREADY.
0x0
R/W
0x003
CONFIG_FILT
7
RESERVED
Reserved.
0x0
R
6
V2_ADC_INVERT
Invert V2 Channel Inputs. The invert bit can be used to correct for
a sensor output connected up backwards.
0x0
R/W
5
V1_ADC_INVERT
Invert V1 Channel Inputs. See the V2_ADC_INVERT description.
0x0
R/W
4
I_ADC_INVERT
Invert Current Channel Inputs. See the V2_ADC_INVERT
description.
0x0
R/W
3
LPF_BW
Filter Bandwidth Configuration. Selects the bandwidth of the digital
LPF of the ADC. See the Analog-to-Digital Conversion section for
details on how the ADC output frequency influences the bandwidth
selection.
0x0
R/W
1
Bandwidth of 2.7 kHz at 8 kSPS output data rate.
0
Bandwidth of 3.3 kHz at 8 kSPS output data rate.
[2:0] DATAPATH_CONFIG
Digital Signal Processing Configuration.
0x0
R/W
000
Sinc3, 32 kHz Sampling.
001
Sinc3, LPF Enabled, 32 kHz Sampling.
010
Sinc3, Compensation Enabled, LPF Enabled, 32 kHz Sampling.
011
Sinc3, LPF Enabled, 8 kHz Sampling.
100
Sinc3, Compensation Enabled, LPF Enabled, 8 kHz Sampling.
101
Sinc3, LPF Enabled, 4 kHz Sampling.
110
Sinc3, LPF Enabled, 2 kHz Sampling.
111
Sinc3, LPF Enabled, 1 kHz Sampling.
0x005
CONFIG_ISO_ACC
[7:1] RESERVED
Reserved.
0x0
R
0
ISO_WR_ACC_EN
Enable Write Access to DC_OFFSET_MODE Register.
0x0
R/W
0x006
CRC_RESULT_HI
[7:0] CRC_RESULT[15:8]
Register Map CRC.
0xDD R
0x007
CRC_RESULT_LO
[7:0] CRC_RESULT[7:0]
Register Map CRC.
0x8D R
0x008
EFUSE_REFRESH
[7:1] RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com