Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 10 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 6Page - Analog Devices ADE9103 Datasheet HTML 7Page - Analog Devices ADE9103 Datasheet HTML 8Page - Analog Devices ADE9103 Datasheet HTML 9Page - Analog Devices ADE9103 Datasheet HTML 10Page - Analog Devices ADE9103 Datasheet HTML 11Page - Analog Devices ADE9103 Datasheet HTML 12Page - Analog Devices ADE9103 Datasheet HTML 13Page - Analog Devices ADE9103 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
SPECIFICATIONS
analog.com
Rev. A | 10 of 55
TIMING CHARACTERISTICS
VDD = 3.3 V ± 10%, AGND = 0 V, DGND = 0 V, on-chip reference, XTALIN = 16.384 MHz, and TMIN to TMAX = −40°C to +125°C, unless
otherwise noted.
Table 3. SPI Interface Timing Parameters
Parameter1
Symbol
Min
Max
Unit
CS to SCLK Positive Edge
tSS
10
ns
SCLK Frequency
fSCLK
40
20,000
kHz
SCLK Low Pulse Width
tSL
20
ns
SCLK High Pulse Width
tSH
20
ns
Data Output Valid After CS Edge
tDAVFB
20
ns
Subsequent Data Output Valid After SCLK Edge
tDAVSB
20
ns
Data Input Setup Time Before SCLK Edge
tDSU
10
ns
Data Input Hold Time After SCLK Edge
tDHD
10
ns
Data Output Fall Time
tDF
10
ns
Data Output Rise Time
tDR
10
ns
SCLK Rise Time
tSR
5
ns
SCLK Fall Time
tSF
5
ns
MISO Disable After CS Rising Edge
tDIS
20
ns
CS High After SCLK Edge
tSFS
10
ns
CS High Time Between SPI Transactions
tCH
Nonisolated (NONISO) Side
400
ns
Isolated (ISO) Side
10,000
ns
1 Specifications guaranteed by design and characterization and not subject to production test.
Timing Diagrams
Figure 5. SPI Timing, CPOL = 1 and CHPA = 1
Figure 6. Load Circuit for Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com