Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 4Page - Analog Devices ADE9103 Datasheet HTML 5Page - Analog Devices ADE9103 Datasheet HTML 6Page - Analog Devices ADE9103 Datasheet HTML 7Page - Analog Devices ADE9103 Datasheet HTML 8Page - Analog Devices ADE9103 Datasheet HTML 9Page - Analog Devices ADE9103 Datasheet HTML 10Page - Analog Devices ADE9103 Datasheet HTML 11Page - Analog Devices ADE9103 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
SPECIFICATIONS
analog.com
Rev. A | 8 of 55
Table 2. Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT CHANNEL
Signal-to-Noise Ratio (SNR)
At full-scale input, and see the Signal-to-Noise Ratio (SNR)
section
All 32 kSPS and 8 kSPS Outputs
83
dBFS
4 kSPS Output
86
dBFS
2 kSPS Output
89
dBFS
1 kSPS Output
91
dBFS
Signal-to-Noise-and-Distortion Ratio (SINAD)
At full-scale input, and see the Signal-to-Noise-and-
Distortion (SINAD) Ratio section
All 32 kSPS and 8 kSPS Outputs
83
dBFS
4 kSPS Output
86
dBFS
2 kSPS Output
89
dBFS
1 kSPS Output
90
dBFS
Total Harmonic Distortion (THD)
At full-scale input, and see the Total Harmonic Distortion
(THD) section
All Outputs
−96
dBFS
Spurious-Free Dynamic Range (SFDR)
At full-scale input, and see the Spurious-Free Dynamic
Range (SFDR) section
All Outputs
−96
dBFS
VOLTAGE CHANNEL
Signal-to-Noise Ratio (SNR)
At full-scale input, and see the Signal-to-Noise Ratio (SNR)
section
All 32 kSPS and 8 kSPS Outputs
91
dBFS
4 kSPS Output
93
dBFS
2 kSPS Output
94
dBFS
1 kSPS Output
95
dBFS
Signal-to-Noise-and-Distortion Ratio (SINAD)
At full-scale input, and see the Signal-to-Noise-and-
Distortion (SINAD) Ratio section
All 32 kSPS and 8 kSPS Outputs
88
dBFS
4 kSPS Output
90
dBFS
2 kSPS Output
91
dBFS
1 kSPS Output
91
dBFS
Total Harmonic Distortion (THD)
At full-scale input, and see the Total Harmonic Distortion
(THD) section
±0.5 VPEAK Differential
−101
dBFS
±1.0 VPEAK Differential
−92
dBFS
Spurious-Free Dynamic Range (SFDR)
At full-scale input, and see the Spurious-Free Dynamic
Range (SFDR) section
±0.5 VPEAK Differential
100
dBFS
±1.0 VPEAK Differential
94
dBFS
XTALIN
Input Clock Frequency, XTALIN
15.84
16.384
16.547
MHz
XTALIN Duty Cycle
45
55
%
Using XTALOUT to Other Devices
47.5
52.5
%
XTALIN Logic Inputs
Input High Voltage, VINH
1.2
V
Input Low Voltage, VINL
0.5
V
Internal Capacitance on XTALIN and XTALOUT to
DGND, CIN1, CIN2
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com