Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9103 Datasheet(PDF) 45 Page - Analog Devices

Part # ADE9103
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9103 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADE9103 Datasheet HTML 41Page - Analog Devices ADE9103 Datasheet HTML 42Page - Analog Devices ADE9103 Datasheet HTML 43Page - Analog Devices ADE9103 Datasheet HTML 44Page - Analog Devices ADE9103 Datasheet HTML 45Page - Analog Devices ADE9103 Datasheet HTML 46Page - Analog Devices ADE9103 Datasheet HTML 47Page - Analog Devices ADE9103 Datasheet HTML 48Page - Analog Devices ADE9103 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
POWER MANAGEMENT
analog.com
Rev. A | 45 of 55
When EMI_LO_MASK = EMI_HI_MASK, the frequency masking
is disabled. As shown in Figure 57, a smaller value in the
EMI_LO_MASK or EMI_HI_MASK corresponds to a higher frequen-
cy and a larger value corresponds to a lower frequency. When a
new value is written into EMI_LO_MASK or EMI_HI_MASK, the
ongoing ramp is not interrupted. The new value is loaded when
the sawtooth reverts to the minimum or maximum or when the
ramp changes directions. To prevent any errors, avoid the following
scenarios:
1. The value written to EMI_LO_MASK being less than
EMI_HI_MASK.
2. EMI_LO_MASK is equal to EMI_LO_LIMIT, and EMI_HI_MASK
is equal to EMI_HI_LIMIT.
During these scenarios, the emissions are no longer a spread
spectrum but a single tone at 360 MHz, which leads to stronger
emissions that are more difficult to manage in the PCB layout.
Figure 57. Available Frequency Range with Masking Enabled
Table 18. Address 0x009, EMI_CONFIG, Bits[2:0], Electromagnetic
Interference (EMI) Frequency Hopping Selection
Bits[2:0]
Mode
Description
000
Sawtooth
frequency
rising
The frequency starts at the low limit, ramps up
to the high limit, and then returns to the low
limit.
001
Sawtooth
frequency
falling
Frequency starts at the high limit, ramps down
to the low limit, and then returns to the high
limit.
010
Ramp
Frequency ramps up and down between the
low and high limit.
011
Random
hopping
frequency
(default)
Frequency randomly hops around the
360 MHz center frequency, which is the
recommended mode.
SOFTWARE RESET
The SWRST register (Address 0x001) manages the software reset
functionality. The default value of this register is 0x00. If this register
is set to 0xD6, the ADE9103/ADE9112/ADE9113 enter the software
reset state. In this state, all the internal registers are reset to
their default values. The DC-to-DC converter continues to function.
When the software reset ends, the SWRST register clears automat-
ically to 0, and Bit 5 (RESET_DONE) in the STATUS0 register is set
to 1. If the configuration registers are protected using a WR_LOCK
= 0xD4 register write, first unlock the registers by writing WR_LOCK
= 0x5E and then write 0xD6 to the SWRST register to start a
software reset. At this point, one of the procedures described in the
Power-Up and Initialization Procedures section must be followed to
initialize the ADE9103/ADE9112/ADE9113.
HARDWARE RESET
The ADE9103/ADE9112/ADE9113 have a dedicated reset pin (RE-
SET). Hardware reset occurs when the RESET pin is brought low
(default state is a weak pullup) for at least 1.5 μs.
During a hardware reset, all the registers are set to their default
values, and the DC-to-DC converter and LDO regulators are shut
down. This procedure can be done simultaneously for all ADE9103/
ADE9112/ADE9113 devices in a polyphase energy meter. At the
end of the reset period, the ADE9103/ADE9112/ADE9113 sets Bit 5
(RESET_DONE) to 1 in the STATUS0 register. At this point, one of
the procedures described in the Power-Up and Initialization Proce-
dures section must be followed to initialize the ADE9103/ADE9112/
ADE9113 devices correctly.
POWER-DOWN MODE
There are situations in which the ADCs of the ADE9112 and
ADE9113 are not required to function, and it is desirable to lower
the current consumption of the device. Holding the RESET pin low
forces low power mode. In low power mode, the VLDOOUT, crystal
oscillator, and isolated power delivery are disabled.
RESET low on the ADE9103 sets only the digital block, SPI port,
and the clocking to low power mode. However, the analog circuit
blocks remain powered.
In systems with more than one ADE9103/ADE9112/ADE9113, the
RESET pins are tied together to lower the total current of all the
ADE9103/ADE9112/ADE9113.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com