Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 7Page - STMicroelectronics STA2416 Datasheet HTML 8Page - STMicroelectronics STA2416 Datasheet HTML 9Page - STMicroelectronics STA2416 Datasheet HTML 10Page - STMicroelectronics STA2416 Datasheet HTML 11Page - STMicroelectronics STA2416 Datasheet HTML 12Page - STMicroelectronics STA2416 Datasheet HTML 13Page - STMicroelectronics STA2416 Datasheet HTML 14Page - STMicroelectronics STA2416 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
STA2416
Block diagram and pins description
11/38
USB interface
USB_DN
A10
USB - pin (Needs a series resistor
of 27
Ω ±5%)
I/O
(1)
V1
USB_DP
C9
USB + pin (Needs a series
resistor of 27
Ω ±5%)
I/O
(1)
V1
GPIO interface
GPIO0
V11
GPIO port 0
I/O
PU
V1
CMOS, 3.3V TTL
compatible, 4mA
tri-state
slew rate control
GPIO1
T11
GPIO port 1
I/O
PU
GPIO2
V12
GPIO port 2
I/O
PU
GPIO3
T12
GPIO port 3
I/O
PU
V1
CMOS, 3.3V TTL
compatible, 4mA
tri-state
slew rate control
schmidt trigger
GPIO4
V13
GPO port 4
I/O
PU
V1
CMOS, 3.3V TTL
compatible, 4mA
trim-state
slew rate control
GPIO5
V14
GPO port 5
I/O
PU
GPIO6
V16
GPO port 6
I/O
PU
GPIO7
V17
GPO port 7
I/O
PU
GPIO8
V18
GPO port 8
I/O
PU
V1
CMOS, 3.3V TTL
compatible, 2mA
trim-state
slew rate control
GPIO9
U18
GPO port 9
I/O
PU
GPIO11
T18
GPO port 11
I/O
PU
GPIO12
P18
GPO port 12
I/O
PU
GPIO13
T16
GPO port 13
I/O
PU
GPIO14
P16
GPO port 14
I/O
PU
GPIO15
R16
GPO port 15
I/O
PU
Table 1.
Pin list (continued)
Name
Pin #
Description
DIR
PU/PD
VDD
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com