Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 20Page - STMicroelectronics STA2416 Datasheet HTML 21Page - STMicroelectronics STA2416 Datasheet HTML 22Page - STMicroelectronics STA2416 Datasheet HTML 23Page - STMicroelectronics STA2416 Datasheet HTML 24Page - STMicroelectronics STA2416 Datasheet HTML 25Page - STMicroelectronics STA2416 Datasheet HTML 26Page - STMicroelectronics STA2416 Datasheet HTML 27Page - STMicroelectronics STA2416 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
General specification
STA2416
24/38
6.9
V1.2 detailed functionality - quality of service
User perspective - quality of service
Small changes to the BT1.1 spec regarding Quality of Service makes a large difference by
allowing all QoS parameters to be communicated over HCI to the link manager that enables
efficient BW management. Below is a short list of user perspectives.
●
Flush timeout: enables time-bounded traffic such as video streaming to become more
robust when the channel degrades. It sets the maximum delay of an L2CAP frame. It
does not enable multiple streams in one piconet, or heavy data transfer at the same
time.
●
Simple latency control: allows the host to set the poll interval. Provides enough
support for HID devices mixed with other traffic in the piconet.
6.10
Low power modes
To save power, two low power modes are supported. Depending on the Bluetooth™ and the
Host’s activity, the STA2416 autonomously decides to use Sleep Mode or Deep Sleep
Mode.
6.10.1
Sniff or park
The STA2416 is in active mode with a Bluetooth™ connection, once the connection is
concluded the SNIFF or the PARK is programmed. Once one of these two states is entered
the STA2416 goes in Sleep Mode. After that, the Host may decide to place the STA2416 in
Deep Sleep Mode by putting the UART LINK in low power mode. The Deep Sleep Mode
allows smaller power consumption. When the STA2416 needs to send or receive a packet
(for example, at TSNIFF or at the beacon instant) it will require the clock and it will go in active
mode for the needed transmission/reception. Immediately afterwards it will go back to the
Deep Sleep Mode. If some HCI transmission is needed, the UART link will be reactivated,
using one of the two ways explained in 7.5, and the STA2416 will move from the Deep Sleep
Mode to the Sleep Mode.
Table 9.
Low power modes
Low power mode
Description
Sleep Mode
The STA2416:
– accepts HCI commands from the Host
– supports page- and inquiry scans
– supports Bluetooth™ links that are in Sniff, Hold or Park
– can transfer data over Bluetooth™ links
– the system clock is still active in part of the design
Deep Sleep Mode(1)
1.
Deep Sleep mode is not compatible with a USB transport layer
The STA2416:
– does not accept HCI commands from the Host
– keeps track of page- and inquiry scan activities
– switches between sleep and active mode when it is time to scan
– supports Bluetooth™ links that are in Sniff, Hold or Park
– does not transfer data over Bluetooth™ links
– the system clock is not active in any part of the design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com