Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 28Page - STMicroelectronics STA2416 Datasheet HTML 29Page - STMicroelectronics STA2416 Datasheet HTML 30Page - STMicroelectronics STA2416 Datasheet HTML 31Page - STMicroelectronics STA2416 Datasheet HTML 32Page - STMicroelectronics STA2416 Datasheet HTML 33Page - STMicroelectronics STA2416 Datasheet HTML 34Page - STMicroelectronics STA2416 Datasheet HTML 35Page - STMicroelectronics STA2416 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Interfaces
STA2416
32/38
Figure 14.
PCM interface timing
Table 12.
PCM interface timing
Symbol
Description
Min
Typ
Max
Unit
PCM Interface
Fpcm_clk
Frequency of PCM_CLK (master)
2048
kHz
Fpcm_sync Frequency of PCM_SYNC
8
kHz
tWCH
High period of PCM_CLK
200
ns
tWCL
Low period of PCM_CLK
200
ns
tWSH
High period of PCM_SYNC
200
ns
tSSC
Setup time, PCM_SYNC high to PCM_CLK low
100
ns
tSDC
Setup time, PCM_A/B input valid to PCM_CLK low
100
ns
tHCD
Hold time, PCM_CLK low to PCM_A/B input invalid
100
ns
tDCD
Delay time, PCM_CLK high to PCM_A/B output valid
150
ns
D02TL557
PCM_CLK
tWCL
PCM_SYNC
PCM_A/B in
PCM_B/A out
MSB
MSB-1
MSB-2
MSB-3
MSB-4
MSB
MSB-1
MSB-2
MSB-3
MSB-4
tSSC
tWCH
tWSH
tHCD
tSDC
tDCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com