Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 29Page - STMicroelectronics STA2416 Datasheet HTML 30Page - STMicroelectronics STA2416 Datasheet HTML 31Page - STMicroelectronics STA2416 Datasheet HTML 32Page - STMicroelectronics STA2416 Datasheet HTML 33Page - STMicroelectronics STA2416 Datasheet HTML 34Page - STMicroelectronics STA2416 Datasheet HTML 35Page - STMicroelectronics STA2416 Datasheet HTML 36Page - STMicroelectronics STA2416 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
STA2416
HCI UART transport layer
33/38
8
HCI UART transport layer
The UART Transport Layer has been specified by the Bluetooth™ SIG, and allows HCI level
communication between a host controller (STA2416) and a host (for example, PC), via a
serial line.
The objective of this HCI UART Transport Layer is to make it possible to use the Bluetooth™
HCI over a serial interface between two UARTs on the same PCB. The HCI UART Transport
Layer assumes that the UART communication is free from line errors.
8.1
UART settings
The HCI UART Transport Layer uses the following settings for RS232:
Flow control with RTS/CTS is used to prevent temporary UART buffer overrun. It should not
be used for flow control of HCI, since HCI has its own flow control mechanisms for HCI
commands, HCI events and HCI data.
If CTS is 1, then the Host/Host Controller is allowed to send.
If CTS is 0, then the Host/Host Controller is not allowed to send.
The flow-off response time defines the maximum time from setting RTS low until the byte
flow actually stops. The signals should be connected in a null-modem fashion; i.e. the local
TXD should be connected to the remote RXD and the local RTS should be connected to the
remote CTS and vice versa.
Figure 15.
UART transport layer
Baud rate:
Configurable (Default baud rate: 57.600 kbps)
Number of data bits:
8
Parity bit:
no parity
Stop bit:
1 stop bit
Flow control:
RTS/CTS
Flow-off response time: 3 ms
BLUETHOOTH
HOST
BLUETHOOTH
HOST
CONTROLLER
HCI UART TRANSPORT LAYER
BLUETHOOTH HCI
D02TL556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com