Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 24Page - STMicroelectronics STA2416 Datasheet HTML 25Page - STMicroelectronics STA2416 Datasheet HTML 26Page - STMicroelectronics STA2416 Datasheet HTML 27Page - STMicroelectronics STA2416 Datasheet HTML 28Page - STMicroelectronics STA2416 Datasheet HTML 29Page - STMicroelectronics STA2416 Datasheet HTML 30Page - STMicroelectronics STA2416 Datasheet HTML 31Page - STMicroelectronics STA2416 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Interfaces
STA2416
28/38
7
Interfaces
7.1
UART interface
The chip contains two enhanced (128 byte transmit FIFO and 128 byte receive FIFO, sleep
mode, 127 Rx and 128 Tx interrupt thresholds) UARTs named UART1 and UART2
compatible with the standard M16550 UART.
For UART1, only Rx and Tx signals are available (used for debug purposes).
UART2 features:
standard HCI UART transport layer:
all HCI commands as described in the Bluetooth™ specification 1.1
ST specific HCI command (check STA2416 Software Interface document for more
information)
RXD, TXD, CTS, RTS on permanent external pins
128-byte FIFOs, for transmit and for receive
default configuration: 57.600 kbps
specific HCI command to change to the baud rates given in Table 11
7.2
Synchronous serial interface
The synchronous serial interface (SSI) (or the synchronous peripheral interface (SPI)) is a
flexible module supporting full-duplex and half-duplex synchronous communications with
external devices in Master and Slave mode. It enables a microcontroller unit to
communicate with peripheral devices or allows inter-processor communications in a
multiple-master environment. This Interface is compatible with the Motorola SPI standard,
with the Texas Instruments Synchronous Serial frame format and with National
Semiconductor Microwire standard.
Special extensions are implemented to support the Agilent SPI interface for optical mouse
applications and the 32-bit data SPI for stereo codec applications.
Table 11.
List of supported baud rates
Baud rate
57.600 kbps (default)
4800
921.6k
38.4 k
2400
460.8 k
28.8 k
1800
230.4 k
19.2 k
1200
153.6 k
14.4 k
900
115.2 k
9600
600
76.8 k
7200
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com