Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 21Page - STMicroelectronics STA2416 Datasheet HTML 22Page - STMicroelectronics STA2416 Datasheet HTML 23Page - STMicroelectronics STA2416 Datasheet HTML 24Page - STMicroelectronics STA2416 Datasheet HTML 25Page - STMicroelectronics STA2416 Datasheet HTML 26Page - STMicroelectronics STA2416 Datasheet HTML 27Page - STMicroelectronics STA2416 Datasheet HTML 28Page - STMicroelectronics STA2416 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
STA2416
General specification
25/38
6.10.2
Inquiry/page scan
When only inquiry scan or page scan is enabled, the STA2416 will go in Sleep Mode or
Deep Sleep Mode outside the receiver activity. The selection between Sleep Mode and
Deep Sleep Mode depend on the UART activity like in SNIFF or PARK.
6.10.3
No connection
If the Host places the UART in low power and there is no activity, then the STA2416 can be
placed in Deep Sleep Mode.
6.10.4
Active link
When there is an active link (SCO or ACL), the STA2416 cannot go in Deep Sleep Mode
whatever the UART state is. But the STA2416 baseband is made such that whenever it is
possible, depending on the scheduled activity (number of link, type of link, amount of data
exchanged), it goes in Sleep Mode.
6.11
SW initiated low power mode
A wide set of wake up mechanisms are supported.
6.12
Bluetooth™ - WLAN coexistence in collocated scenario
The coexistence interface uses four GPIO pins, when enabled.
Bluetooth™ and WLAN 802.11 b/g technologies occupy the same 2.4 GHz ISM band.
STA2416 implements a set of mechanisms to avoid interference in a collocated scenario.
The STA2416 supports five different algorithms in order to provide efficient and flexible
simultaneous functionality between the two technologies in collocated scenarios.
●
Algorithm 1: PTA (Packet Traffic Arbitration) based coexistence algorithm defined in
accordance with the IEEE 802.15.2 recommended practice.
●
Algorithm 2: the WLAN is the master and it indicates to the STA2416 when not to
operate in case of simultaneous use of the air interface.
●
Algorithm 3: the STA2416 is the master and it indicates to the WLAN chip when not to
operate in case of simultaneous use of the air interface.
●
Algorithm 4: Two-wire mechanism.
●
Algorithm 5: Alternating Wireless Medium Access (AWMA), defined in accordance
with the WLAN 802.11 b/g technologies.
The algorithm is selected via HCI command. The default algorithm is algorithm 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com