Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 13Page - STMicroelectronics STA2416 Datasheet HTML 14Page - STMicroelectronics STA2416 Datasheet HTML 15Page - STMicroelectronics STA2416 Datasheet HTML 16Page - STMicroelectronics STA2416 Datasheet HTML 17Page - STMicroelectronics STA2416 Datasheet HTML 18Page - STMicroelectronics STA2416 Datasheet HTML 19Page - STMicroelectronics STA2416 Datasheet HTML 20Page - STMicroelectronics STA2416 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
STA2416
Quick reference data
17/38
4.4
Current consumption
Table 8.
Typical power consumption of the STA2416
(VDD = VDD Flash = PLLVDD = 1.8V, VDDIO = 3.3V)
STA2416 state
Core
IO
Unit
Slave
Master
Standby (no low power mode)
5.10
5.10
0.13
mA
Standby (low power mode enabled)
0.94
0.94
0.13
mA
ACL connection (no transmission)
7.60
6.99
0.13
mA
ACL connection (data transmission)
7.90
7.20
0.13
mA
SCO connection (no codec connected)
8.70
7.90
0.14
mA
Inquiry and Page scan (low power mode
enabled)
127
n.a.
5
µA
Low Power mode (32 kHz crystal)
20
20
0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com