Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 26Page - STMicroelectronics STA2416 Datasheet HTML 27Page - STMicroelectronics STA2416 Datasheet HTML 28Page - STMicroelectronics STA2416 Datasheet HTML 29Page - STMicroelectronics STA2416 Datasheet HTML 30Page - STMicroelectronics STA2416 Datasheet HTML 31Page - STMicroelectronics STA2416 Datasheet HTML 32Page - STMicroelectronics STA2416 Datasheet HTML 33Page - STMicroelectronics STA2416 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Interfaces
STA2416
30/38
7.3
I2C Interface
Used to access I2C peripherals.
The interface is a fast master I2C; it has full control of the interface at all times. I2C slave
functionality is not supported.
7.4
USB interface
The USB interface is compliant with the USB 2.0 full speed specification. Max throughput on
the USB interface is 12 Mbit/s.
Figure 11 gives an overview of the main components needed for supporting the USB
interface, as specified in the Bluetooth™ Core Specification. For clarity, the serial interface
(including the UART Transport Layer) is also shown.
Figure 11.
USB Interface
The USB device registers and FIFOs are memory mapped. The USB Driver will use these
registers to access the USB interface. The equivalent exists for the HCI communication over
UART.
For transmission to the host, the USB and Serial Drivers interface with the HW via a set of
registers and FIFOs, while in the other direction, the hardware may trigger the Drivers
through a set of interrupts (identified by the RTOS, and directed to the appropriate Driver
routines).
7.5
JTAG interface
The JTAG interface is compliant with the JTAG IEEE Std 1149.1. Its allows both the
boundary scan of the digital pins and the debug of the ARM7TDMI application when
connected with the standard ARM7 development tools.
HCI
USB TRANSPORT LAYER
UART TRANSPORT LAYER
RTOS
STA2416 HW
USB DRIVER
SERIAL DRIVER
UART
DEVICE
REGISTERS
FIFOs
USB
DEVICE
REGISTERS
FIFOs
IRQ
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com