Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 30Page - STMicroelectronics STA2416 Datasheet HTML 31Page - STMicroelectronics STA2416 Datasheet HTML 32Page - STMicroelectronics STA2416 Datasheet HTML 33Page - STMicroelectronics STA2416 Datasheet HTML 34Page - STMicroelectronics STA2416 Datasheet HTML 35Page - STMicroelectronics STA2416 Datasheet HTML 36Page - STMicroelectronics STA2416 Datasheet HTML 37Page - STMicroelectronics STA2416 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Package information
STA2416
36/38
11
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 16.
LFBGA120 (10x10x1.4mm) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.40
0.055
A1
0.20
0.008
A2
1
0.039
b
0.25
0.30
0.35
0.010
0.012
0.014
D
9.90
10.00
10.10
0.390
0.394
0.398
D1
8.50
0.335
D2
6.50
0.256
E
9.90
10.00
10.10
0.390
0.394
0.398
E1
8.50
0.335
E2
6.50
0.256
eD
0.50 basic
0.020 basic
eE
0.50 basic
0.020 basic
FD
0.75
0.029
FE
0.75
0.029
mD
18
mE
18
n
120 balls
SE
0.25 basic
0.0098 basic
SD
0.25 basic
0.0098 basic
Tolerance
aaa
0.15
0.006
bbb
0.10
0.0039
ddd
0.08
0.0031
eee
0.15
0.006
fff
0.05
0.002
LFBGA120
Low Fine Ball Grid Array
Body: 10 x 10 x 1.4mm
7513355 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com