Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 11Page - STMicroelectronics STA2416 Datasheet HTML 12Page - STMicroelectronics STA2416 Datasheet HTML 13Page - STMicroelectronics STA2416 Datasheet HTML 14Page - STMicroelectronics STA2416 Datasheet HTML 15Page - STMicroelectronics STA2416 Datasheet HTML 16Page - STMicroelectronics STA2416 Datasheet HTML 17Page - STMicroelectronics STA2416 Datasheet HTML 18Page - STMicroelectronics STA2416 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
STA2416
Quick reference data
15/38
4
Quick reference data
4.1
Absolute maximum ratings
Operation of the device beyond these conditions is not guaranteed.
Sustained exposure to these limits will adversely affect device reliability.
4.2
Operating ranges
Operating ranges define the limits for functional operation and parametric characteristics of
the device. Functionality outside these limits is not implied.
Table 2.
Absolute maximum ratings
Symbol
Conditions
Min
Max
Unit
VDD
Supply voltage baseband core
VSS – 0.5
2.5
V
VDDF
Supply voltage flash
VSS – 0.5
2.5
V
VPP
Fast Program Voltage
VSS – 0.5
13
V
VDDIO
Supply voltage baseband I/O
4
V
VDDQ
Supply voltage flash I/O
VSS – 0.5
2.5
V
VIN
Input voltage on any digital pin (excluding FLASH
input pins)
VSS – 0.5
VDDIO + 0.3
V
Tstg
Storage temperature
-55
+150
°C
Tlead
Lead temperature < 10s
+240
°C
Table 3.
Operating ranges
Symbol
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage baseband core and EMI pads
1.55
1.8
1.95
V
VDDF
Supply voltage flash
1.55
1.8
1.95
V
VDDIO
Supply voltage digital I/O
2.7
3.3
3.6
V
VDDQ
Supply voltage flash I/O (VDDQ ≤VDDF)
1.55
1.8
1.95
V
Tamb
Operating ambient temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com