Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 12Page - STMicroelectronics STA2416 Datasheet HTML 13Page - STMicroelectronics STA2416 Datasheet HTML 14Page - STMicroelectronics STA2416 Datasheet HTML 15Page - STMicroelectronics STA2416 Datasheet HTML 16Page - STMicroelectronics STA2416 Datasheet HTML 17Page - STMicroelectronics STA2416 Datasheet HTML 18Page - STMicroelectronics STA2416 Datasheet HTML 19Page - STMicroelectronics STA2416 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Quick reference data
STA2416
16/38
4.3
I/O specifications
Depending on the interface, the I/O voltage is typical 1.8 V (interface to the flash memory) or
typical 3.3 V (all the other interfaces). These I/Os comply with the EIA/JEDEC standard
JESD8-B.
4.3.1
Specifications for 3.3 V I/Os
Note:
X is the source/sink current under worst-case conditions according to the drive capability.
(See Table 1: Pin list on page 9 for the value of X).
4.3.2
Specifications for 1.8 V I/Os
Note:
X is the source/sink current under worst-case conditions according to the drive capability.
(See Table 1: Pin list on page 9 for the value of X).
Table 4.
LVTTL DC input specification (3V<VDDIO<3.6V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vil
Low level input
voltage
0.8
V
Vih
High level input
voltage
2V
Vhyst
schmidt trigger
hysteresis
0.4
V
Table 5.
LVTTL DC output specification (3V<VDDIO<3.6V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vol
Low level output
voltage
Iol = X mA
0.15
V
Voh
High level output
voltage
Ioh =-X mA
VDDIO-
0.15
V
Table 6.
DC input specification (1.55V<VDD<1.95V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vil
Low level input voltage
0.35*VDD
V
Vih
High level input voltage
0.65*VDD
V
Vhyst
schmidt trigger
hysteresis
0.2
0.3
0.5
V
Table 7.
DC output specification (1.55V<VDD<1.95V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vol
Low level output
voltage
Iol = X mA
0.15
V
Voh
High level output
voltage
Ioh =-X mA
VDD-0.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com