Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 14Page - STMicroelectronics STA2416 Datasheet HTML 15Page - STMicroelectronics STA2416 Datasheet HTML 16Page - STMicroelectronics STA2416 Datasheet HTML 17Page - STMicroelectronics STA2416 Datasheet HTML 18Page - STMicroelectronics STA2416 Datasheet HTML 19Page - STMicroelectronics STA2416 Datasheet HTML 20Page - STMicroelectronics STA2416 Datasheet HTML 21Page - STMicroelectronics STA2416 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Functional description
STA2416
18/38
5
Functional description
5.1
Baseband
●
WLAN coexistence. See also Section 6.12: Bluetooth™ - WLAN coexistence in
collocated scenario.
5.1.1
Baseband 1.1 features
The baseband is based on Ericsson Technology Licensing Baseband Core (EBC) and it is
compliant with the Bluetooth™ specification 1.1.
●
Point to multipoint (up to 7 Slaves).
●
Asynchronous Connection Less (ACL) link support giving data rates up to 721 kbps.
●
Synchronous Connection Oriented (SCO) link with support for 2 voice channels over
the air interface.
●
Flexible voice format to host and over the air (CVSD, PCM 13/16 bits, A-law,
µ-law).
●
HW support for packet types: DM1, 3, 5; DH1, 3, 5; HV1, 3; DV.
●
Scatternet capabilities (Master in one piconet and Slave in the other one; Slave in two
piconets). All scatternet v.1.1 errata supported.
●
Ciphering support up to 128 bits key.
●
Paging modes R0, R1, R2.
●
Channel Quality Driven Data Rate.
●
Full Bluetooth software stack available.
●
Low level link controller.
5.1.2
Baseband 1.2 features
The baseband part is also compliant with the Bluetooth specification 1.2.
●
Extended SCO (eSCO) links: supports EV3 and EV5 packets. See also Section 6.6:
V1.2 detailed functionality - extended SCO on page 22.
●
Adaptive Frequency Hopping (AFH): hopping kernel, channel assessment as Master
and as Slave. See also Section 6.7: V1.2 detailed functionality - adaptive frequency
hopping on page 23.
●
Faster Connection: Interlaced scan for Page and Inquiry scan, answer FHS at first
reception, RSSI used to limit range. See also Section 6.8: V1.2 detailed functionality -
faster connection on page 23.
●
QoS Flush. See also Section 6.9: V1.2 detailed functionality - quality of service on
page 24.
●
Synchronization: the local and the master BT clock are available via HCI commands for
synchronization of parallel applications on different slaves.
●
L2CAP Flow and Error control.
●
LMP Improvements.
●
LMP SCO handling.
●
Parameter Ranges update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com