Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 27Page - STMicroelectronics STA2416 Datasheet HTML 28Page - STMicroelectronics STA2416 Datasheet HTML 29Page - STMicroelectronics STA2416 Datasheet HTML 30Page - STMicroelectronics STA2416 Datasheet HTML 31Page - STMicroelectronics STA2416 Datasheet HTML 32Page - STMicroelectronics STA2416 Datasheet HTML 33Page - STMicroelectronics STA2416 Datasheet HTML 34Page - STMicroelectronics STA2416 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
STA2416
Interfaces
31/38
7.6
RF interface
The STA2416 radio interface is compatible to BlueRF (unidirectional RxMode2 for data and
unidirectional serial interface for control).
7.7
PCM voice interface
The voice interface is a direct PCM interface to connect to a standard CODEC (for example,
STw5093 or STw5094) including internal decimator and interpolator filters. The data can be
linear PCM (13 to 16-bit), µ-Law (8-bit) or A-Law (8-bit). By default the codec interface is
configured as master. The encoding on the air interface is programmable to be CVSD,
A-Law or
µ-Law.
The PCM block is able to manage the PCM bus with up to three timeslots.
In master mode, PCM clock and data can operate at 2 MHz or at 2.048 MHz to allow
interfacing of standard codecs.
The four signals of the PCM interface are:
Directions of PCM_A and PCM_B are software configurable.
Three additional PCM_SYNC signals can be provided via the GPIOs. See Chapter 10 on
page 35 for more details.
Figure 12.
PCM (A-law,
µ-law) standard mode
Figure 13.
Linear mode
PCM_CLK:
PCM clock
PCM_SYNC:
PCM 8 KHz sync
PCM_A:
PCM data
PCM_B:
PCM data
D02TL558
PCM_CLK
PCM_SYNC
PCM_A
B
B
PCM_B
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
B
125
µs
B
D02TL559
PCM_CLK
PCM_SYNC
PCM_A
PCM_B
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
125
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com