Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 16Page - STMicroelectronics STA2416 Datasheet HTML 17Page - STMicroelectronics STA2416 Datasheet HTML 18Page - STMicroelectronics STA2416 Datasheet HTML 19Page - STMicroelectronics STA2416 Datasheet HTML 20Page - STMicroelectronics STA2416 Datasheet HTML 21Page - STMicroelectronics STA2416 Datasheet HTML 22Page - STMicroelectronics STA2416 Datasheet HTML 23Page - STMicroelectronics STA2416 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Functional description
STA2416
20/38
Vdd supply voltage (vddf)
Vdd provides the power supply to the internal core of the flash memory device. It is the main
power supply for all operations (Read, Program and Erase)
Vddq supply voltage (vddq)
Vddq provides the power supply to the I/O pins and enables all Outputs to be powered
independently from Vddf. Vddq can be tied to Vddf or can use separate supply.
Vpp program supply voltage (vpp)
Vpp is both a control input and a power supply pin. The two functions are selected by the
voltage range applied to the pin. The supply voltage Vddf and the program supply voltage
Vpp can be applied in any order.
If Vpp is kept in a low voltage range (0 V to 3.6 V) Vpp is seen as a control input. In this case
a voltage lower than 1 V gives protection agains program or block erase, while
1.65 V < Vpp < 3.6 V enables these functions. Vpp is only sampled at the beginning of a
program or block erase; a change in its value after the operation has started does not have
any effect and program or erase operations continue.
If Vpp is in the range 11.4 V to 12.6 V it acts as a power supply pin. In this condition Vpp
must be stable until the Program/Erase algorithm is completed.
Vssf Flash ground (vssf)
Vssf is the reference for all voltage measurements.
Address inputs (Addr0-Addr17), data input/output (Data0-Data15), chip
enable (csn0), output enable (rdn/ng), write enable (wrn)
These are connected to and controlled by the Bluetooth™ baseband controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com