Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 23Page - STMicroelectronics STA2416 Datasheet HTML 24Page - STMicroelectronics STA2416 Datasheet HTML 25Page - STMicroelectronics STA2416 Datasheet HTML 26Page - STMicroelectronics STA2416 Datasheet HTML 27Page - STMicroelectronics STA2416 Datasheet HTML 28Page - STMicroelectronics STA2416 Datasheet HTML 29Page - STMicroelectronics STA2416 Datasheet HTML 30Page - STMicroelectronics STA2416 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
STA2416
General specification
27/38
6.12.3
Algorithm 3: Bluetooth™ master
This algorithm represents the symmetrical case of Section 6.12.2: Algorithm 2: WLAN
master. Also in this case the interface is reduced to 1 line.
Figure 8.
Algorithm 3: Bluetooth™ master
When the STA2416 has to operate it alerts HIGH the RF_NOT_ALLOWED signal and the
WLAN will not operate while this signals stays HIGH.
This mechanism permits to avoid packet collision in order to make an efficient use of the
bandwidth, it provides high quality for all Bluetooth™ links but cannot provide guaranteed
quality over the WLAN links.
6.12.4
Algorithm 4: Two-wire mechanism
Based on algorithm 2 and 3, the Host decides, on a case-by-case basis, whether WLAN or
Bluetooth™ is master.
6.12.5
Algorithm 5: Alternating wireless medium access (AWMA)
AWMA utilizes a portion of the WLAN beacon interval for Bluetooth™ operations. From a
timing perspective, the medium assignment alternates between usage following WLAN
procedures and usage following Bluetooth™ procedures.
The timing synchronization between the WLAN and the STA2416 is done by the HW signal
MEDIUM_FREE.
STA2416
D05AU1627
WLAN
RF_NOT_ALLOWED
Table 10.
WLAN HW signal assignment
WLAN
Scenario 1:
PTA
Scenario 2:
WLAN master
Scenario 3:
BT master
Scenario 4:
2-wire
Scenario 5:
AWMA
WLAN 1
TX_ CONFIRM
BT_RF_NOT_
ALLOWED
Not used
BT_RF_NOT_
ALLOWED
MEDIUM_FREE
WLAN 2
TX_ REQUEST
Not used
WLAN_RF_ NOT_
ALLOWED
WLAN_RF_ NOT_
ALLOWED
Not used
WLAN 3
STATUS
Not used
Not used
Not used
Not used
WLAN 4
OPTIONAL_ SIGNAL
Not used
Not used
Not used
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com