Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2416 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 22Page - STMicroelectronics STA2416 Datasheet HTML 23Page - STMicroelectronics STA2416 Datasheet HTML 24Page - STMicroelectronics STA2416 Datasheet HTML 25Page - STMicroelectronics STA2416 Datasheet HTML 26Page - STMicroelectronics STA2416 Datasheet HTML 27Page - STMicroelectronics STA2416 Datasheet HTML 28Page - STMicroelectronics STA2416 Datasheet HTML 29Page - STMicroelectronics STA2416 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
General specification
STA2416
26/38
6.12.1
Algorithm 1: PTA (packet traffic arbitration)
Algorithm 1 is based on a bus connection between the STA2416 and the WLAN chip.
Figure 6.
Algorithm 1: PTA
By using this coexistence interface it's possible to dynamically allocate bandwidth to the two
devices when simultaneous operations are required while the full bandwidth can be
allocated to one of them in case the other one does not require activity. The algorithm
involves a priority mechanism, which allows preserving the quality of certain types of link. A
typical application would be to guarantee optimal quality to the Bluetooth™ voice
communication while an intensive WLAN communication is ongoing.
Several algorithms have been implemented in order to provide a maximum of flexibility and
efficiency for the priority handling. Those algorithms can be activated via specific HCI
commands.
The combination of a time division multiplexing techniques to share the bandwidth in case of
simultaneous operations and of the priority mechanism avoid the interference due to packet
collision and it allows the maximization of the 2.4 GHz ISM bandwidth usage for both
devices while preserving the quality of some critical types of link.
6.12.2
Algorithm 2: WLAN master
In case the STA2416 has to cooperate, in a collocated scenario, with a WLAN chip not
supporting a PTA based algorithm, it's possible to put in place a simpler mechanism.
The interface is reduced to 1 line.
Figure 7.
Algorithm 2: WLAN master
When the WLAN has to operate, it alerts HIGH the RF_NOT_ALLOWED signal and the
STA2416 will not operate while this signals stays HIGH.
This mechanism permits to avoid packet collision in order to make an efficient use of the
bandwidth but cannot provide guaranteed quality over the Bluetooth™ links.
STA2416
D05AU1628
WLAN
STA2416
D05AU1626
WLAN
RF_NOT_ALLOWED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com