Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 25Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 26Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 27Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 28Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 29Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 30Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 31Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 32Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 28 of 148
S25FL128S/S25FL256S
5.
Timing Specifications
5.1
Key to Switching Waveforms
Figure 23. Waveform Element Meanings
Figure 24. Input, Output, and Timing Reference Levels
5.2
AC Test Conditions
Figure 25. Test Setup
Notes:
1. Output High-Z is defined as the point where data is no longer driven.
2. Input slew rate: 1.5 V/ns.
3. AC characteristics tables assume clock and data signals have the same slew rate (slope).
4. DDR Operation.
Table 9. AC Measurement Conditions
Symbol
Parameter
Min
Max
Unit
CL
Load Capacitance
30
15 (4)
pF
Input Rise and Fall Times
2.4
ns
Input Pulse Voltage
0.2 x VIO to 0.8 VIO
V
Input Timing Ref Voltage
0.5 VIO
V
Output Timing Ref Voltage
0.5 VIO
V
Input
Symbol
Output
Valid at logic high or low
Valid at logic high or low
High Impedance
Any change permitted
Logic high Logic low
Valid at logic high or low
Valid at logic high or low
High Impedance
Changing, state unknown Logic high Logic low
VIO + 0.4V
0.7 x VIO
0.2 x VIO
- 0.5V
Timing Reference Level
0.5 x VIO
0.85 x VIO
0.15 x VIO
Input Levels
Output Levels
Device
Under
Test
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com