Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 85 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 85 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 81Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 82Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 83Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 84Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 85Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 86Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 87Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 88Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 89Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 84 of 148
S25FL128S/S25FL256S
9.4
Read Memory Array Commands
Read commands for the main flash array provide many options for prior generation SPI compatibility or enhanced performance SPI:
Some commands transfer address or data on each rising edge of SCK. These are called Single Data Rate commands (SDR).
Some SDR commands transfer address one bit per rising edge of SCK and return data 1, 2, or 4 bits of data per rising edge of
SCK. These are called Read or Fast Read for 1-bit data; Dual Output Read for 2-bit data, and Quad Output for 4-bit data.
Some SDR commands transfer both address and data 2 or 4 bits per rising edge of SCK. These are called Dual I/O for 2 bit and
Quad I/O for 4 bit.
Some commands transfer address and data on both the rising edge and falling edge of SCK. These are called Double Data Rate
(DDR) commands.
There are DDR commands for 1, 2, or 4 bits of address or data per SCK edge. These are called Fast DDR for 1-bit, Dual I/O DDR
for 2-bit, and Quad I/O DDR for 4-bit per edge transfer.
All of these commands begin with an instruction code that is transferred one bit per SCK rising edge. The instruction is followed by
either a 3- or 4-byte address transferred at SDR or DDR. Commands transferring address or data 2 or 4 bits per clock edge are
called Multiple I/O (MIO) commands. For FL-S devices at
256 Mbits or higher density, the traditional SPI 3-byte addresses are unable to directly address all locations in the memory array.
These device have a bank address register that is used with 3-byte address commands to supply the high order address bits beyond
the address from the host system. The default bank address is zero. Commands are provided to load and read the bank address
register. These devices may also be configured to take a 4-byte address from the host system with the traditional 3-byte address
commands. The 4-byte address mode for traditional commands is activated by setting the External Address (EXTADD) bit in the
bank address register to 1. In the FL128S, higher order address bits above A23 in the 4-byte address commands, commands using
Extended Address mode, and the Bank Address Register are not relevant and are ignored because the flash array is only 128 Mbits
in size.
The Quad I/O commands provide a performance improvement option controlled by mode bits that are sent following the address
bits. The mode bits indicate whether the command following the end of the current read will be another read of the same type,
without an instruction at the beginning of the read. These mode bits give the option to eliminate the instruction cycles when doing a
series of Quad I/O read accesses.
A device ordering option provides an enhanced high performance option by adding a similar mode bit scheme to the DDR Fast
Read, Dual I/O, and Dual I/O DDR commands, in addition to the Quad I/O command.
Some commands require delay cycles following the address or mode bits to allow time to access the memory array. The delay
cycles are traditionally called dummy cycles. The dummy cycles are ignored by the memory thus any data provided by the host
during these cycles is “don’t care” and the host may also leave the SI signal at high impedance during the dummy cycles. When MIO
commands are used the host must stop driving the IO signals (outputs are high impedance) before the end of last dummy cycle.
When DDR commands are used the host must not drive the I/O signals during any dummy cycle. The number of dummy cycles
varies with the SCK frequency or performance option selected via the Configuration Register 1 (CR1) Latency Code (LC). Dummy
cycles are measured from SCK falling edge to next SCK falling edge. SPI outputs are traditionally driven to a new value on the falling
edge of each SCK. Zero dummy cycles means the returning data is driven by the memory on the same falling edge of SCK that the
host stops driving address or mode bits.
The DDR commands may optionally have an 8-edge Data Learning Pattern (DLP) driven by the memory, on all data outputs, in the
dummy cycles immediately before the start of data. The DLP can help the host memory controller determine the phase shift from
SCK to data edges so that the memory controller can capture data at the center of the data eye.
When using SDR I/O commands at higher SCK frequencies (>50 MHz), an LC that provides 1 or more dummy cycles should be
selected to allow additional time for the host to stop driving before the memory starts driving data, to minimize I/O driver conflict.
When using DDR I/O commands with the DLP enabled, an LC that provides 5 or more dummy cycles should be selected to allow 1
cycle of additional time for the host to stop driving before the memory starts driving the 4 cycle DLP.
Each read command ends when CS# is returned High at any point during data return. CS# must not be returned High during the
mode or dummy cycles before data returns as this may cause mode bits to be captured incorrectly; making it indeterminate as to
whether the device remains in enhanced high performance read mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com