Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 19Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 20Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 21Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 22Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 23Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 24Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 25Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 26Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 22 of 148
S25FL128S/S25FL256S
3.3.21 DDR Latency Cycle
DDR Read commands may have one to several latency cycles during which read data is read from the main flash memory array
before transfer to the host. The number of latency cycles are determined by the Latency Code in the configuration register (CR[7:6]).
During the latency cycles, the host keeps RESET# high and CS# low. The host may not drive the IO signals during these cycles. So
that there is sufficient time for the host drivers to turn off before the memory begins to drive. This prevents driver conflict between
host and memory when the signal direction changes. The memory has an option to drive all the IO signals with a Data Learning
Pattern (DLP) during the last 4 latency cycles. The DLP option should not be enabled when there are fewer than five latency cycles
so that there is at least one cycle of high impedance for turn around of the IO signals before the memory begins driving the DLP.
When there are more than 4 cycles of latency the memory does not drive the IO signals until the last four cycles of latency.
The next interface state following the last latency cycle is a DDR Single, Dual, or Quad Output Cycle, depending on the instruction.
3.3.22 DDR Single Output Cycle - Memory to Host Transfer
The DDR Fast Read command returns bits to the host only on the SO / IO1 signal. One bit is transferred on the rising edge of SCK
and one bit on the falling edge in each cycle. The host keeps RESET# high, and CS# low. The other IO signals are not driven by the
memory.
The next interface state continues to be DDR Single Output Cycle until the host returns CS# to high ending the command.
3.3.23 DDR Dual Output Cycle - Memory to Host Transfer
The DDR Dual I/O Read command returns bits to the host only on the IO0 and IO1 signals. Two bits are transferred on the rising
edge of SCK and two bits on the falling edge in each cycle. The host keeps RESET# high, and CS# low. The IO2 and IO3 signals
are not driven by the memory.
The next interface state continues to be DDR Dual Output Cycle until the host returns CS# to high ending the command.
3.3.24 DDR Quad Output Cycle - Memory to Host Transfer
The DDR Quad I/O Read command returns bits to the host on all the IO signals. Four bits are transferred on the rising edge of SCK
and four bits on the falling edge in each cycle. The host keeps RESET# high, and CS# low.
The next interface state continues to be DDR Quad Output Cycle until the host returns CS# to high ending the command.
3.4
Configuration Register Effects on the Interface
The configuration register bits 7 and 6 (CR1[7:6]) select the latency code for all read commands. The latency code selects the
number of mode bit and latency cycles for each type of instruction.
The configuration register bit 1 (CR1[1]) selects whether Quad mode is enabled to ignore HOLD# and WP# and allow Quad Page
Program, Quad Output Read, and Quad I/O Read commands. Quad mode must also be selected to allow Read DDR Quad I/O
commands.
3.5
Data Protection
Some basic protection against unintended changes to stored data are provided and controlled purely by the hardware design. These
are described below. Other software managed protection methods are discussed in the Software Interface on page 44 section of this
document.
3.5.1
Power-Up
When the core supply voltage is at or below the VCC (low) voltage, the device is considered to be powered off. The device does not
react to external signals, and is prevented from performing any program or erase operation. Program and erase operations continue
to be prevented during the Power-on Reset (POR) because no command is accepted until the exit from POR to the Interface
Standby state.
3.5.2
Low Power
When VCC is less than VCC (cut-off) the memory device will ignore commands to ensure that program and erase operations can not
start when the core supply voltage is out of the operating range.
3.5.3
Clock Pulse Count
The device verifies that all program, erase, and Write Registers (WRR) commands consist of a clock pulse count that is a multiple of
eight before executing them. A command not having a multiple of 8 clock pulse count is ignored and no error status is set for the
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com