Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 80 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 80 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 76Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 77Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 78Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 79Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 80Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 81Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 82Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 83Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 84Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 79 of 148
S25FL128S/S25FL256S
9.3.10 Clear Status Register (CLSR 30h)
The Clear Status Register command resets bit SR1[5] (Erase Fail Flag) and bit SR1[6] (Program Fail Flag). It is not necessary to set
the WEL bit before the Clear SR command is executed. The Clear SR command will be accepted even when the device remains
busy with WIP set to 1, as the device does remain busy when either error bit is set. The WEL bit will be unchanged after this
command is executed.
Figure 53. Clear Status Register (CLSR) Command Sequence
9.3.11 ECC Status Register Read (ECCRD 18h)
To read the ECC Status Register, the command is followed by the ECC unit (32 bit) address, the four least significant bits (LSB) of
address must be set to zero. This is followed by eight dummy cycles. Then the 8-bit contents of the ECC Register, for the ECC unit
selected, are shifted out on SO 16 times, once for each byte in the ECC Unit. If CS# remains low the next ECC unit status is sent
through SO 16 times, once for each byte in the ECC Unit, this continues until CS# goes high. The maximum operating clock
frequency for the ECC READ command is 133 MHz. See Section 9.5.1.1 Automatic ECC on page 100 for details on ECC unit.
Figure 54. ECC Status Register Read Command Sequence
3
2
7
6
5
4
0
Instruction
SCK
SI
1
CS
#
13
210
9
8
7
6
5
4
039
38
37
36
Instruction
32-Bit
Address
31
29
30
1
32
0
1
32
0
76
5
4
44
43
42
41
40
47
46
45
1
32
0
765
4
Dummy Byte
52
51
50
49
48
55
54
53
DATA OUT 1
DATA OUT 2
SCK
SI
SO
MSB
High Impedance
7
MSB
CS#
1
32
0
765
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com