Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 10Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 11Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 12Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 13Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 14Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 15Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 16Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 17Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 13 of 148
S25FL128S/S25FL256S
3.
Signal Protocols
3.1
SPI Clock Modes
3.1.1
Single Data Rate (SDR)
The S25FL128S and S25FL256S devices can be driven by an embedded microcontroller (bus master) in either of the two following
clocking modes.
 Mode 0
with Clock Polarity (CPOL) = 0 and, Clock Phase (CPHA) = 0
 Mode 3
with CPOL = 1 and, CPHA = 1
For these two modes, input data into the device is always latched in on the rising edge of the SCK signal and the output data is
always available from the falling edge of the SCK clock signal.
The difference between the two modes is the clock polarity when the bus master is in standby mode and not transferring any data.
SCK will stay at logic low state with CPOL = 0, CPHA = 0
SCK will stay at logic high state with CPOL = 1, CPHA = 1
Figure 5. SPI SDR Modes Supported
Timing diagrams throughout the remainder of the document are generally shown as both mode 0 and 3 by showing SCK as both
high and low at the fall of CS#. In some cases a timing diagram may show only mode 0 with SCK low at the fall of CS#. In such a
case, mode 3 timing simply means clock is high at the fall of CS# so no SCK rising edge set up or hold time to the falling edge of
CS# is needed for mode 3.
SCK cycles are measured (counted) from one falling edge of SCK to the next falling edge of SCK. In mode 0 the beginning of the
first SCK cycle in a command is measured from the falling edge of CS# to the first falling edge of SCK because SCK is already low
at the beginning of a command.
3.1.2
Double Data Rate (DDR)
Mode 0 and Mode 3 are also supported for DDR commands. In DDR commands, the instruction bits are always latched on the rising
edge of clock, the same as in SDR commands. However, the address and input data that follow the instruction are latched on both
the rising and falling edges of SCK. The first address bit is latched on the first rising edge of SCK following the falling edge at the end
of the last instruction bit. The first bit of output data is driven on the falling edge at the end of the last access latency (dummy) cycle.
SCK cycles are measured (counted) in the same way as in SDR commands, from one falling edge of SCK to the next falling edge of
SCK. In mode 0 the beginning of the first SCK cycle in a command is measured from the falling edge of CS# to the first falling edge
of SCK because SCK is already low at the beginning of a command.
Figure 6. SPI DDR Modes Supported
CPOL=0_CPHA=0_SCK
CPOL=1_CPHA=1_SCK
CS#
SI
SO
MSB
MSB
CPOL=0_CPHA=0_SCK
CPOL=1_CPHA=1_SCK
CS#
Transfer_Phase
SI
SO
Inst. 7
Inst. 0
A31
A30
A0
M7
M6
M0
DLP7
DLP0
D0
D1
Dummy / DLP
Address
Mode
Instruction
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com