| Electronic Components Datasheet Search |
|
S25FL256SDPNFAQ Datasheet(PDF) 61 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S25FL256SDPNFAQ Datasheet(HTML) 61 Page - Cypress Semiconductor |
|
61 / 149 page ![]() Document Number: 001-98283 Rev. *M Page 60 of 148 S25FL128S/S25FL256S 8.3.1 Freeze Bit Bit 0 of the Configuration Register is the FREEZE bit. The FREEZE bit locks the BP2-0 bits in Status Register 1 and the TBPROT bit in the Configuration Register to their value at the time the FREEZE bit is set to 1. Once the FREEZE bit has been written to a logic 1 it cannot be cleared to a logic 0 until a power-on-reset is executed. As long as the FREEZE bit is cleared to logic 0 the status register BP bits and the TBPROT bit of the Configuration Register are writable. The FREEZE bit also protects the entire OTP memory space from programming when set to 1. Any attempt to change the BP bits with the WRR command while FREEZE = 1 is ignored and no error status is set. 8.3.2 Write Protect Signal The Write Protect (WP#) input in combination with the Status Register Write Disable (SRWD) bit provide hardware input signal controlled protection. When WP# is Low and SRWD is set to 1 the Status and Configuration register is protected from alteration. This prevents disabling or changing the protection defined by the Block Protect bits. 8.4 Advanced Sector Protection Advanced Sector Protection (ASP) is the name used for a set of independent hardware and software methods used to disable or enable programming or erase operations, individually, in any or all sectors. An overview of these methods is shown in Figure 43 on page 60. Block Protection and ASP protection settings for each sector are logically OR’d to define the protection for each sector, i.e. if either mechanism is protecting a sector the sector cannot be programmed or erased. Refer to Section 8.3 Block Protection on page 59 for full details of the BP2-0 bits. Figure 43. Advanced Sector Protection Overview ASP Register One Time Programmable Password Method (ASPR[2]=0) Persistent Method (ASPR[1]=0) 64-bit Password (One Time Protect) PBB Lock Bit ‘0’ = PPBs locked Sector 0 Memory Array Sector N -2 Sector 1 Sector 2 Sector N -1 Sector N PPB 0 Persistent Protection Bit (PPB) PPB N-2 PPB 1 PPB 2 PPB N-1 PPB N DYB 0 Dynamic Protection Bit (DYB) DYB N-2 DYB 1 DYB 2 DYB N-1 DYB N 2) 3) DYB are volatile bits ‘1’=PPBs unlocked - Sector 0 Memory Array Sector N -2 Sector 1 Sector 2 Sector N -1 Sector N 1) N = Highest Address Sector, a sector is protected if its PPB =’0’ or its DYB = ‘0’ PPB 0 Persistent Protection Bits (PPB) PPB N-2 PPB 1 PPB 2 PPB N-1 PPB N DYB 0 Dynamic Protection Bits (DYB) DYB N-2 DYB 1 DYB 2 DYB N-1 DYB N PPB are programmed individually but erased as a group 4) PPB Lock bit is volatile and defaults to ‘1’ (persistent mode), or ‘0’ (password mode) upon reset 5) PPB Lock = ‘0’ locks all PPBs to their current state 6) Password Method requires a password to set PPB Lock to ‘1’ to enable program or erase of PPB bits 7) Persistent Method only allows PPB Lock to be cleared to ‘0’ to prevent program or erase of PPB bits. Power off or hardware reset required to set PPB Lock to ‘1’ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |