Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 66 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 66 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 62Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 63Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 64Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 65Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 66Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 67Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 68Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 69Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 70Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 65 of 148
S25FL128S/S25FL256S
Although host software in some cases is used to directly control the SPI interface signals, the hardware interfaces of the host
system and the memory device generally handle the details of signal relationships and timing. For this reason, signal relationships
and timing are not covered in detail within this software interface focused section of the document. Instead, the focus is on the
logical sequence of bits transferred in each command rather than the signal timing and relationships. Following are some general
signal relationship descriptions to keep in mind. For additional information on the bit level format and signal timing relationships of
commands, see Section 3.2 Command Protocol on page 14.
– The host always controls the Chip Select (CS#), Serial Clock (SCK), and Serial Input (SI) - SI for single bit wide transfers. The
memory drives Serial Output (SO) for single bit read transfers. The host and memory alternately drive the IO0-IO3
signals during Dual and Quad transfers.
– All commands begin with the host selecting the memory by driving CS# low before the first rising edge of SCK. CS# is kept
low throughout a command and when CS# is returned high the command ends. Generally, CS# remains low for 8-bit transfer
multiples to transfer byte granularity information. Some commands will not be accepted if CS# is returned high not at an 8-bit
boundary.
9.1
Command Set Summary
9.1.1
Extended Addressing
To accommodate addressing above 128 Mb, there are three options:
1. New instructions are provided with 4-byte address, used to access up to 32 Gb of memory.
Instruction Name
Description
Code (Hex)
4FAST_READ
Read Fast (4-byte Address)
0C
4READ
Read (4-byte Address)
13
4DOR
Read Dual Out (4-byte Address)
3C
4QOR
Read Quad Out (4-byte Address)
6C
4DIOR
Dual I/O Read (4-byte Address)
BC
4QIOR
Quad I/O Read (4-byte Address)
EC
4DDRFR
Read DDR Fast (4-byte Address)
0E
4DDRDIOR
DDR Dual I/O Read (4-byte Address)
BE
4DDRQIOR
DDR Quad I/O Read (4-byte Address)
EE
4PP
Page Program (4-byte Address)
12
4QPP
Quad Page Program (4-byte Address)
34
4P4E
Parameter 4-kB Erase (4-byte Address)
21
4SE
Erase 64/256 kB (4-byte Address)
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com