Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 58 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 58 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 54Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 55Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 56Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 57Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 58Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 59Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 60Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 61Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 62Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 57 of 148
S25FL128S/S25FL256S
Table 39. Non-Volatile Data Learning Register (NVDLR)
Bits
Field Name
Function
Type
Default State
Description
7 to 0
NVDLP
Non-Volatile
Data Learning
Pattern
OTP
00h
OTP value that may be transferred to the host during DDR read
command latency (dummy) cycles to provide a training pattern to
help the host more accurately center the data capture point in
the received data bits.
Table 40. Volatile Data Learning Register (NVDLR)
Bits
Field Name
Function
Type
Default State
Description
7 to 0
VDLP
Volatile Data
Learning Pat-
tern
Volatile
Takes the
value of
NVDLR
during POR
or Reset
Volatile copy of the NVDLP used to enable and deliver the Data
Learning Pattern (DLP) to the outputs. The VDLP may be
changed by the host during system operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com