Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 84 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 84 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 80Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 81Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 82Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 83Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 84Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 85Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 86Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 87Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 88Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 83 of 148
S25FL128S/S25FL256S
9.3.16 Write VDLR (WVDLR 4Ah)
Before the Write VDLR (WVDLR) command can be accepted by the device, a Write Enable (WREN) command must be issued and
decoded by the device. After the Write Enable (WREN) command has been decoded successfully, the device will set the Write
Enable Latch (WEL) to enable WVDLR operation.
The WVDLR command is entered by shifting the instruction and the data byte on SI.
CS# must be driven to the logic high state after the eighth (8th) bit of data has been latched. If not, the WVDLR command is not
executed. As soon as CS# is driven to the logic high state, the WVDLR operation is initiated with no delays. The maximum clock
frequency for the PNVDLR command is 133 MHz.
Figure 60. Write VDLR (WVDLR) Command Sequence
9.3.17 Data Learning Pattern Read (DLPRD 41h)
The instruction is shifted on SI, then the 8-bit DLP is shifted out on SO. It is possible to read the DLP continuously by providing
multiples of eight clock cycles. The maximum operating clock frequency for the DLPRD command is 133 MHz.
Figure 9.5 DLP Read (DLPRD) Command Sequence
IInstruction
Data Learning Pattern
1
3
2
10
9
8
7
6
5
4
0
14
13
12
15
0
1
7
6
5
3
2
SCK
SI
SO
MSB
High Impedance
CS
0
1
7
6
5
4
3
2
MSB
4
11
#
IInstruction
Data Learning Pattern
1
3
2
10
9
8
7
6
5
4
0
14
13
12
15
0
1
7
6
5
3
2
SCK
SI
SO
MSB
High Impedance
CS
0
1
7
6
5
4
3
2
MSB
4
11
Data Learning Pattern
18
17
16
22
21
20
23
0
1
7
6
5
3
2
MSB
4
19
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com