Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 68 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 68 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 64Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 65Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 66Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 67Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 68Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 69Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 70Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 71Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 72Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 67 of 148
S25FL128S/S25FL256S
Table 45. S25FL128S and S25FL256S Command Set (sorted by function)
Function
Command
Name
Command Description
Instruction
Value (Hex)
Maximum
Frequency
(MHz)
Read Device
Identification
READ_ID
(REMS)
Read Electronic Manufacturer Signature
90
133
RDID
Read ID (JEDEC Manufacturer ID and JEDEC CFI)
9F
133
RES
Read Electronic Signature
AB
50
Register Access
RDSR1
Read Status Register-1
05
133
RDSR2
Read Status Register-2
07
133
RDCR
Read Configuration Register-1
35
133
WRR
Write Register (Status-1, Configuration-1)
01
133
WRDI
Write Disable
04
133
WREN
Write Enable
06
133
CLSR
Clear Status Register-1 - Erase/Prog. Fail Reset
30
133
ECCRD
ECC Read (4-byte address)
18
133
ABRD
AutoBoot Register Read
14
133
(QUAD=0)
104
(QUAD=1)
ABWR
AutoBoot Register Write
15
133
BRRD
Bank Register Read
16
133
BRWR
Bank Register Write
17
133
BRAC
Bank Register Access
(Legacy Command formerly used for Deep Power Down)
B9
133
DLPRD
Data Learning Pattern Read
41
133
PNVDLR
Program NV Data Learning Register
43
133
WVDLR
Write Volatile Data Learning Register
4A
133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com