Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 94 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 94 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 90Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 91Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 92Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 93Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 94Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 95Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 96Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 97Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 98Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 93 of 148
S25FL128S/S25FL256S
Figure 9.21 Continuous Quad I/O Read Command Sequence (4-byte Address), LC=00b
9.4.7
DDR Fast Read (DDRFR 0Dh, 4DDRFR 0Eh)
The instruction
0Dh (ExtAdd=0) is followed by a 3-byte address (A23-A0) or
0Dh (ExtAdd=1) is followed by a 4-byte address (A31-A0) or
0Eh is followed by a 4-byte address (A31-A0)
The DDR Fast Read command improves throughput by transferring address and data on both the falling and rising edge of SCK. It
is similar to the Fast Read command but allows transfer of address and data on every edge of the clock.
The maximum operating clock frequency for DDR Fast Read command is 80 MHz.
For the DDR Fast Read command, there is a latency required after the last address bits are shifted into SI before data begins
shifting out of SO. There are different ordering part numbers that select the latency code table used for this command, either the
High Performance LC (HPLC) table or the Enhanced High Performance LC (EHPLC) table. The HPLC table does not provide cycles
for mode bits so each DDR Fast Read command starts with the 8 bit instruction, followed by address, followed by a latency period.
This latency period (dummy cycles) allows the device internal circuitry enough time to access data at the initial address. During the
dummy cycles, the data value on SI is “don’t care” and may be high impedance. The number of dummy cycles is determined by the
frequency of SCK (Table 28 on page 51). The number of dummy cycles is set by the LC bits in the Configuration Register (CR1).
Then the memory contents, at the address given, is shifted out, in DDR fashion, one bit at a time on each clock edge through SO.
Each bit is shifted out at the SCK frequency by the rising and falling edge of the SCK signal.
The address can start at any byte location of the memory array. The address is automatically incremented to the next higher address
in sequential order after each byte of data is shifted out. The entire memory can therefore be read out with one single read
instruction and address 000000h provided. When the highest address is reached, the address counter will wrap around and roll back
to 000000h, allowing the read sequence to be continued indefinitely.
The EHPLC table does provide cycles for mode bits so a series of DDR Fast Read commands may eliminate the 8 bit instruction
after the first DDR Fast Read command sends a mode bit pattern of complementary first and second Nibbles, e.g. A5h, 5Ah, 0Fh,
etc., that indicates the following command will also be a DDR Fast Read command. The first DDR Fast Read command in a series
starts with the 8-bit instruction, followed by address, followed by four cycles of mode bits, followed by a latency period. If the mode
bit pattern is complementary the next command is assumed to be an additional DDR Fast Read command that does not provide
instruction bits. That command starts with address, followed by mode bits, followed by latency.
0
6
7
8
9
10111213
141516
Data N
Data N+1
32 Bit Address
Mode
Dummy
Data 1
Data 2
2 cycles
2 cycles
8 cycles
2 cycles
4 cycles
2 cycles
2 cycles
4
0
4
0
28
4
0
4
0
4
0
4
0
5
1
5
1
29
5
1
5
1
5
1
5
1
6
2
6
2
30
6
2
6
2
6
2
6
1
7
3
7
3
31
7
3
7
3
7
3
7
1
CS#
SCK
IO0
IO1
IO2
IO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com