Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 3 Page - Cypress Semiconductor

  S25FL256SDPNFAQ Datasheet HTML 1Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 2Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 3Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 4Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 5Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 6Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 7Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 8Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 3 of 146
S25FL128S/S25FL256S
Performance Summary
Maximum Read Rates with the Same Core and I/O Voltage (VIO = VCC = 2.7V to 3.6V)
Command
Clock Rate (MHz)
Mbytes/s
Read
50
6.25
Fast Read
133
16.6
Dual Read
104
26
Quad Read
104
52
Maximum Read Rates with Lower I/O Voltage (VIO = 1.65V to 2.7V, VCC = 2.7V to 3.6V)
Command
Clock Rate (MHz)
Mbytes/s
Read
50
6.25
Fast Read
66
8.25
Dual Read
66
16.5
Quad Read
66
33
Maximum Read Rates DDR (VIO = VCC = 3V to 3.6V)
Command
Clock Rate (MHz)
Mbytes/s
Fast Read DDR
80
20
Dual Read DDR
80
40
Quad Read DDR
80
80
Typical Program and Erase Rates
Operation
kbytes/s
Page Programming (256-byte page buffer - Hybrid Sector Option)
1000
Page Programming (512-byte page buffer - Uniform Sector Option)
1500
4-kbyte Physical Sector Erase (Hybrid Sector Option)
30
64-kbyte Physical Sector Erase (Hybrid Sector Option)
500
256-kbyte Logical Sector Erase (Uniform Sector Option)
500
Current Consumption
Operation
Current (mA)
Serial Read 50 MHz
16 (max)
Serial Read 133 MHz
33 (max)
Quad Read 104 MHz
61 (max)
Quad DDR Read 80 MHz
90 (max)
Program
100 (max)
Erase
100 (max)
Standby
0.07 (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com