Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 89 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 89 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 85Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 86Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 87Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 88Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 89Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 90Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 91Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 92Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 93Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 88 of 148
S25FL128S/S25FL256S
9.4.4
Quad Output Read (QOR 6Bh or 4QOR 6Ch)
The instruction
6Bh (ExtAdd=0) is followed by a 3-byte address (A23-A0) or
6Bh (ExtAdd=1) is followed by a 4-byte address (A31-A0) or
6Ch is followed by a 4-byte address (A31-A0)
Then the memory contents, at the address given, is shifted out four bits at a time through IO0-IO3. Each nibble (4 bits) is shifted out
at the SCK frequency by the falling edge of the SCK signal.
The maximum operating clock frequency for Quad Output Read command is 104 MHz. For Quad Output Read Mode, there may be
dummy cycles required after the last address bit is shifted into SI before data begins shifting out of IO0-IO3. This latency period (i.e.,
dummy cycles) allows the device’s internal circuitry enough time to set up for the initial address. During the dummy cycles, the data
value on IO0-IO3 is a “don’t care” and may be high impedance. The number of dummy cycles is determined by the frequency of SCK
(refer to Table 28, Latency Codes for SDR Enhanced High Performance on page 51).
The address can start at any byte location of the memory array. The address is automatically incremented to the next higher address
in sequential order after each byte of data is shifted out. The entire memory can therefore be read out with one single read
instruction and address 000000h provided. When the highest address is reached, the address counter will wrap around and roll back
to 000000h, allowing the read sequence to be continued indefinitely.
The QUAD bit of Configuration Register must be set (CR Bit1=1) to enable the Quad mode capability.
Figure 9.13 Quad Output Read Command Sequence (3-byte Address, 6Bh [ExtAdd=0, LC=01b])
Figure 9.14 Quad Output Read Command Sequence (4-byte Address, 6Ch or 6Bh [ExtAdd=1, LC=01b])
0
1
2
3
4
5
6
7
8
30
31
32
33
34
35
36
37
38
39
40
41
42
43
Instruction
24 Bit Address
8 Dummy Cycles
Data 1
Data 2
7
6
5
4
3
2
1
0
23
1
0
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
CS#
SCK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
6
7
8
38
39
40
41
42
43
44
45
46
47
48
49
50
51
Instruction
32 Bit Address
8 Dummy Cycles
Data 1
Data 2
7
6
5
4
3
2
1
0
31
1
0
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
CS#
SCK
IO0
IO1
IO2
IO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com