Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 70Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 71Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 72Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 73Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 74Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 75Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 76Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 77Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 73 of 148
S25FL128S/S25FL256S
Figure 45. Read Electronic Signature (RES) Command Sequence
9.3
Register Access Commands
9.3.1
Read Status Register-1 (RDSR1 05h)
The Read Status Register-1 (RDSR1) command allows the Status Register-1 contents to be read from SO. The Status Register-1
contents may be read at any time, even while a program, erase, or write operation is in progress. It is possible to read the Status
Register-1 continuously by providing multiples of eight clock cycles. The status is updated for each eight cycle read. The maximum
clock frequency for the RDSR1 (05h) command is 133 MHz.
Figure 9.2 Read Status Register-1 (RDSR1) Command Sequence
Table 47. RES Values
Device
Device ID (hex)
S25FL128S
17
S25FL256S
18
1
3
210
9
8
7
6
5
4
0
31
30
29
28
Instruction
3 Dummy
Bytes
23
21
22
1
32
0
36
35
34
33
32
39
38
37
SCK
SI
SO
High Impedance
MSB
Electonic ID
MSB
1
32
0
7654
CS#
1
3
2
10
9
8
7
6
5
4
0
14
13
12
11
Instruction
1
3
2
0
7
6
5
4
SCK
SO
High Impedance
MSB
Status Register-1 Out
SI
15
18
17
16
22
21
20
19
1
3
2
0
7
6
5
4
MSB
Status Register-1 Out
23
7
MSB
CS
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com