Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 77 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 77 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 73Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 74Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 75Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 76Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 77Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 78Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 79Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 80Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 81Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 76 of 148
S25FL128S/S25FL256S
Figure 48. BRAC (B9h) Command Sequence
9.3.7
Write Registers (WRR 01h)
The Write Registers (WRR) command allows new values to be written to both the Status Register-1 and Configuration Register.
Before the Write Registers (WRR) command can be accepted by the device, a Write Enable (WREN) command must be received.
After the Write Enable (WREN) command has been decoded successfully, the device will set the Write Enable Latch (WEL) in the
Status Register to enable any write operations.
The Write Registers (WRR) command is entered by shifting the instruction and the data bytes on SI. The Status Register is one data
byte in length.
The Write Registers (WRR) command will set the P_ERR or E_ERR bits if there is a failure in the WRR operation. Any Status or
Configuration Register bit reserved for the future must be written as a 0.
CS# must be driven to the logic high state after the eighth or sixteenth bit of data has been latched. If not, the Write Registers (WRR)
command is not executed. If CS# is driven high after the eighth cycle then only the Status Register-1 is written; otherwise, after the
sixteenth cycle both the Status and Configuration Registers are written. When the configuration register QUAD bit CR[1] is 1, only
the WRR command format with 16 data bits may be used.
As soon as CS# is driven to the logic high state, the self-timed Write Registers (WRR) operation is initiated. While the Write
Registers (WRR) operation is in progress, the Status Register may still be read to check the value of the Write-In Progress (WIP) bit.
The Write-In Progress (WIP) bit is a 1 during the self-timed Write Registers (WRR) operation, and is a 0 when it is completed. When
the Write Registers (WRR) operation is completed, the Write Enable Latch (WEL) is set to a 0. The WRR command must be
executed under continuous power. The maximum clock frequency for the WRR command is 133 MHz.
Figure 49. Write Registers (WRR) Command Sequence – 8 data bits
1
3
27
6
5
4
0
Instruction
SCK
SO
High Impedance
SI
CS#
0
1
7
6
5
4
3
2
MSB
Instruction
Status Register In
1
3
210
9
8
7
6
5
4
0
14
13
12
11
15
1
32
0
76
5
4
SCK
SI
SO
MSB
High Impedance
CS#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com